Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP7217-33SG-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. AP7217-33SG-13
Description  500mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

AP7217-33SG-13 Datasheet(HTML) 2 Page - Diodes Incorporated

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP7217
500mA CMOS LDO
AP7217
Document number: DS31292 Rev. 4 - 2
2 of 10
www.diodes.com
April 2010
© Diodes Incorporated
Functional Block Diagram
Enable
Bandgap
Current
Limit
-
ERROR
AMP
+
+
-
1.2V
R3
R4
VD Comp.
R1
R2
EN
VD
OUT
GND
VR
OUT
V
IN
On
Off
Pin Descriptions
Pin Name
Pin No.
Description
NC
1
No Connection
VROUT
2
Voltage Output
NC
3
No Connection
VIN
4
Supply Voltage
NC
5
No connection
VDOUT
6
VD Output (Reset on I/P)
GND
7
Ground
EN
8
Enable (VR On/Off)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn