Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2281-1FMG Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2281-1FMG
Description  Single Slew Rate Controlled Load Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2281-1FMG Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2281-1FMG Datasheet HTML 2Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 3Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 4Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 5Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 6Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 7Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 8Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 9Page - Diodes Incorporated AP2281-1FMG Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP2281
Single Slew Rate Programmable Load Switch
AP2281 Rev. 4
6 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Quiescent Current vs. Input Voltage
0
0.002
0.004
0.006
0.008
0.01
1.02.0
3.04.0
5.06.0
Input Voltage (V)
Quiescent Current vs. Temperature
0.000
0.002
0.004
0.006
0.008
0.010
-50
-25
0
255075
100
125
Temperature (°C)
VIN=1.8V
VIN=3.3V
VIN=5.0V
RDS(ON) vs. Input Voltage
50.00
100.00
150.00
200.00
250.00
300.00
1.522.5
33.54
4.555.5
6
Input Voltage (V)
I=100mA
I=500mA
I=1A
I=2A
RDS(ON) vs. Temperature
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
180.00
200.00
-50
-25
0
25
50
75
100
Temperature (°C)
VIN =1.8V
VIN =3.3V
VIN =5V
ENABLE Threshold vs. Input Voltage
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
VIL (V)
VIH (V)
Input Shutdown Current vs. Temperature
0.000
0.002
0.004
0.006
0.008
0.010
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typical Performance Characteristics


Similar Part No. - AP2281-1FMG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2281-1W DIODES-AP2281-1W Datasheet
247Kb / 9P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
AP2281-1WG DIODES-AP2281-1WG Datasheet
247Kb / 9P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
More results

Similar Description - AP2281-1FMG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22913 DIODES-AP22913 Datasheet
901Kb / 17P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
May 2021
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
   SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
   SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
   1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com