Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7626 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA7626
Description  Video, Chroma and Deflection Circuit for Color Television Sets
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7626 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA7626 Datasheet HTML 1Page - Sanyo Semicon Device LA7626 Datasheet HTML 2Page - Sanyo Semicon Device LA7626 Datasheet HTML 3Page - Sanyo Semicon Device LA7626 Datasheet HTML 4Page - Sanyo Semicon Device LA7626 Datasheet HTML 5Page - Sanyo Semicon Device LA7626 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Video, Chroma and Deflection Circuit for
Color Television Sets
Overview
The LA7625 and LA7626 are based on the LA7620 and
LA7621 with the video circuit DC restoration factor changed
to 100%. The LA7625 and LA7626 are small, multifunction
ICs in which video, chroma and deflection circuits for NTSC
color TV system are packaged in a shrink-type DIP30S (the
same type as the earlier DIP22). In addition to being small,
these ICs greatly reduce the number of components required
and reduce the number of adjustments that must be made. By
combining the LA7625 or LA7626 with the LA7555 or
LA7577 VIF/SIF IC, or LA7832, LA7833, LA7837, or
LA7838 vertical output IC, it is possible to process all
functions of the color television signal system. Note that the
LA7625 has a peak clipping circuit built into the video circuit,
and is suited primarily for compact sets, while the LA7626
does not have a peak clipping circuit and is suited for larger
sets.
Features
.
Small package
.
Few peripheral components needed.
.
Few adjustments needed.
(The functions listed below require no adjustments.)
.
Chroma VCO (APC)
.
Horizontal oscillation H-Hold
.
Vertical oscillation V-Hold
.
Multifunctional.
Package Dimensions
unit : mm
3061-DIP30S
[LA7625,7626]
SANYO : DIP30S
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
V16 max
14.0
V
Maximum supply current
I22 max
15.0
mA
Allowable power dissipation
Pd max
Ta
% 65 °C
1100
mW
Operating temperature
Topr
–20 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Ordering number: EN 2289B
Monolithic Linear IC
LA7625, 7626
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
62095HA (II) No.2289 - 1/6


Similar Part No. - LA7626

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7620 SANYO-LA7620 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7621 SANYO-LA7621 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7629 SANYO-LA7629 Datasheet
184Kb / 4P
   Color TV/Video,Chroma,Deflection Circuit
More results

Similar Description - LA7626

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7698AP TOSHIBA-TA7698AP Datasheet
1Mb / 36P
   VIDEO-CHROMA-DEFLECTION SYSTEM FOR A COLOR TELEVISION
logo
Sanyo Semicon Device
LA7640N SANYO-LA7640N Datasheet
123Kb / 5P
   Chroma Circuit for SECAM-system Color Television Sets
logo
Toshiba Semiconductor
TA8718N TOSHIBA-TA8718N Datasheet
446Kb / 43P
   VIDEO-CHROMA-DEFLECTION SYSTEM FOR A COLOR TELEVISION (PAL).
1990-10-24
logo
Samsung semiconductor
KA2154 SAMSUNG-KA2154 Datasheet
543Kb / 21P
   Video-Chroma Deflection system For A Color Television(PAL/NTSC)
logo
Sanyo Semicon Device
LA7620 SANYO-LA7620 Datasheet
136Kb / 3P
   Color TV Video, Chroma, Deflection Circuit
LA7629 SANYO-LA7629 Datasheet
184Kb / 4P
   Color TV/Video,Chroma,Deflection Circuit
logo
NTE Electronics
NTE7008 NTE-NTE7008 Datasheet
28Kb / 3P
   Integrated Circuit Color TV/Video, Chroma, Deflection Circuit
NTE1838 NTE-NTE1838 Datasheet
27Kb / 3P
   Integrated Circuit Color TV Video/Chroma/Deflection Circuit
NTE1547 NTE-NTE1547 Datasheet
43Kb / 6P
   Integrated Circuit Video Chroma Deflection System for Color TV
logo
Toshiba Semiconductor
TA8659N TOSHIBA-TA8659N Datasheet
1Mb / 64P
   MULTI-COLOR VIDEO-CHROMA-DEFLECTION
1990-4-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com