Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA76070 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA76070
Description  NTSC Color Television IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76070 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA76070 Datasheet HTML 1Page - Sanyo Semicon Device LA76070 Datasheet HTML 2Page - Sanyo Semicon Device LA76070 Datasheet HTML 3Page - Sanyo Semicon Device LA76070 Datasheet HTML 4Page - Sanyo Semicon Device LA76070 Datasheet HTML 5Page - Sanyo Semicon Device LA76070 Datasheet HTML 6Page - Sanyo Semicon Device LA76070 Datasheet HTML 7Page - Sanyo Semicon Device LA76070 Datasheet HTML 8Page - Sanyo Semicon Device LA76070 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LA76070 BUS: Initial Conditions
No. 5844-5/27
LA76070
Initial test conditions
Register
T Enable
0 HEX
Video Mute
1 HEX
Sync Kill
0 HEX
AFC Gain
0 HEX
Horizontal Phase
4 HEX
IF AGC SW
0 HEX
AFT Defeat
0 HEX
RF AGC Delay
20 HEX
Initial test conditions
(continued)
Register
Video SW
0 HEX
PLL Tuning
40 HEX
Audio Mute
1 HEX
APC Det Adjust
20 HEX
V CD Mode
0 HEX
Vertical DC
20 HEX
Vertical Kill
0 HEX
Col Kill
0 HEX
Vertical Size
20 HEX
Red Bias
00 HEX
Green Bias
00 HEX
Blue Bias
00 HEX
Blanking Defeat
0 HEX
Red Drive
7F HEX
Blue Drive
7F HEX
Color Difference Mode Enable
0 HEX
Brightness Control
40 HEX
Contrast Test Enable
0 HEX
Contrast Control
40 HEX
Trap & Delay Enable SW
0 HEX
Auto Flesh
0 HEX
Black Stretch Defeat
0 HEX
Sharpness Control
10 HEX
Tint Test Enable
0 HEX
Tint Control
40 HEX
Color Test Enable
0 HEX
Color Control
40 HEX
Vertical Test
0 HEX
Video Level
4 HEX
FM Level
10 HEX
BNI Enable
0 HEX
Audio SW
0 HEX
Volume Control
00 HEX


Similar Part No. - LA76070

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA76075 SANYO-LA76075 Datasheet
712Kb / 35P
   NTSC Color Television Sets
More results

Similar Description - LA76070

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2161 SAMSUNG-KA2161 Datasheet
310Kb / 21P
   pal/ntsc 1 chip ic for color television
logo
Sanyo Semicon Device
LA76075 SANYO-LA76075 Datasheet
712Kb / 35P
   NTSC Color Television Sets
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Sanyo Semicon Device
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
   PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com