Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7566 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA7566
Description  VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7566 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7566 Datasheet HTML 1Page - Sanyo Semicon Device LA7566 Datasheet HTML 2Page - Sanyo Semicon Device LA7566 Datasheet HTML 3Page - Sanyo Semicon Device LA7566 Datasheet HTML 4Page - Sanyo Semicon Device LA7566 Datasheet HTML 5Page - Sanyo Semicon Device LA7566 Datasheet HTML 6Page - Sanyo Semicon Device LA7566 Datasheet HTML 7Page - Sanyo Semicon Device LA7566 Datasheet HTML 8Page - Sanyo Semicon Device LA7566 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 5764-2/11
LA7566
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
9
V
Operating supply voltage range
VCC op
4.6 to 9.5
V
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[VIF Block]
Circuit current
I3
45
53
61
mA
Maximum RF AGC voltage
V9H
7.5
8.1
V
Minimum RF AGC voltage
V9L
0
0.5
V
Input sensitivity
VIN
S1 = OFF
28
34
40
dBµV
AGC range
GR
45
50
dB
Maximum allowable input
VIN max
95
100
dBµV
No-signal video output voltage
V13
3.7
4.0
4.3
V
Sync tip voltage
V13 tip
1.3
1.6
1.9
V
Video output level
VO
1.7
2.0
2.3
Vp-p
Black noise threshold voltage
VBTH
0.7
1.0
1.3
V
Black noise clamp voltage
VBCL
2.0
2.3
2.6
V
Video signal-to-noise ratio
S/N
48
52
dB
C-S beat
IC-S
44
49
dB
Frequency characteristics
fC
6 MHz
–3
–1.5
dB
Differential gain
DG
3
8
%
Differential phase
DP
3
8
deg
Maximum AFT voltage
V10H
7.5
8.5
9.0
V
Minimum AFT voltage
V10L
0
0.2
1.0
V
AFT detection sensitivity
Sf
29
37
47
mV/kHz
VIF input resistance
Ri
38.9 MHz
1.5
k
VIF input capacitance
Ci
38.9 MHz
3
pF
APC pull-in range (U)
fPU
1.0
1.5
MHz
APC pull-in range (L)
fPL
–1.5
–0.8
MHz
AFT tolerance frequency 1
dfa1
–500
0
+500
kHz
VCO 1 maximum variability range (U)
dfu
1.7
2.0
MHz
VCO 1 maximum variability range (L)
dfl
–2
–1
MHz
VCO control sensitivity
B
1.15
2.3
4.6
kHz/mV
[First SIF Block]
Conversion gain
VG
32
35
38
dB
5.5 MHz output level
SO
84
87
90
mVrms
Maximum first SIF input
SIN max
85
88
91
mVrms
First SIF input resistance
RIN(SIF)
33.4 MHz
2
k
First SIF input capacitance
CIN(SIF)
33.4 MHz
3
pF
[SIF Block]
Limiting sensitivity
VIi(lim)
43
49
dBµV
FM detector output voltage
VO(FM)
5.5 MHz ± 30 kHz
390
500
630
mVrms
AM rejection ratio
AMR
50
60
dB
Total harmonic distortion
THD
0.2
1.5
%
SIF S/N
S/N (FM)
55
60
dB
[SIF Switch Block] Switches A, B, and C: H = open, L = ground
NTSC mode 6-dB amplifier
NTSW
5
6
7
dB
SIF crosstalk 21
CT21
51
57
dB
SIF crosstalk 22
CT22
51
57
dB
SIF crosstalk 23
CT23
51
57
dB
SIF crosstalk 24
CT24
51
57
dB
Switch threshold low-level voltage
SW (L)
1.0
1.5
V
Operating Characteristics at Ta = 25°C, VCC = 9 V, fp = 38.9 MHz


Similar Part No. - LA7566

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA7565B SANYO-LA7565B Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565BM SANYO-LA7565BM Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565KM SANYO-LA7565KM Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results

Similar Description - LA7566

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com