Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7565BM Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA7565BM
Description  IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7565BM Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA7565BM Datasheet HTML 6Page - Sanyo Semicon Device LA7565BM Datasheet HTML 7Page - Sanyo Semicon Device LA7565BM Datasheet HTML 8Page - Sanyo Semicon Device LA7565BM Datasheet HTML 9Page - Sanyo Semicon Device LA7565BM Datasheet HTML 10Page - Sanyo Semicon Device LA7565BM Datasheet HTML 11Page - Sanyo Semicon Device LA7565BM Datasheet HTML 12Page - Sanyo Semicon Device LA7565BM Datasheet HTML 13Page - Sanyo Semicon Device LA7565BM Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
No. 5636-10/16
LA7565B, 7565BM
Pin No.
Pin
Pin function
Equivalent circuit
5
6
7
8
VCC
EQ amp
VCC and ground should be decoupled with as small a
separation as possible.
Connections for the equalizer circuit. This circuit corrects the
frequency characteristics of the video signal.
Pin 17 is the equalizer amplifier input. A 1.5-Vp-p video
signal is input and amplified to 2.0 Vp-p by the equalizer
amplifier.
The equalizer amplifier is designed as a voltage-follower
amplifier with a gain of about 2.3 dB. When frequency
characteristic correction is used, a capacitor, an inductor,
and a resistor must be connected in series between pin 7
and ground.
• Using the equalizer amplifier
If vi is the input signal and vo is the output signal, then:
R1/Z + 1 (vi + vin) = Vo
× G
Where,
G: Gain of the voltage follower amplifier
vin: Imaginary short
G: About 2.3 dB
Assuming vin
≈ 0:
Then,
AV = voG/vi = R1/Z + 1.
R1 is an IC internal resistor with a value of 1 k
Ω. Simply
select a Z according to the desired characteristics. However,
since the equalizer amplifier is maximum at the Z resonance
point, care is required to prevent distortion from occurring at
that frequency.
Continued from preceding page.
9
APC filter
PLL detector APC filter connection.
The APC time constant is switched internally. When the PLL
is locked, the VCO is controlled over the path marked A in
the figure and the loop gain is lowered. When the PLL is
unlocked and in weak field reception conditions, the VCO is
controlled over the path marked B in the figure and the loop
gain is increased.
We recommend values of:
R = between 150 and 390
Ω, and
C = 0.47 µF
for this APC filter.
Continued on next page.


Similar Part No. - LA7565BM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565KM SANYO-LA7565KM Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results

Similar Description - LA7565BM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA75691 SANYO-LA75691 Datasheet
267Kb / 13P
   IF Signal-Processing IC for PAL/NTSC Multichannel Audio TV and VCR Systems
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7567N SANYO-LA7567N Datasheet
277Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
logo
Panasonic Semiconductor
AN5625N PANASONIC-AN5625N Datasheet
180Kb / 3P
   TV PAL/NTSC/M-NTSC CHROMINANCE-SIGNAL PROCESSING IC
logo
Sanyo Semicon Device
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
logo
Panasonic Semiconductor
AN5601K PANASONIC-AN5601K Datasheet
314Kb / 10P
   COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
logo
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com