Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD1210 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SMD1210
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMD1210 Datasheet(HTML) 3 Page - Diodes Incorporated

  SMD1210 Datasheet HTML 1Page - Diodes Incorporated SMD1210 Datasheet HTML 2Page - Diodes Incorporated SMD1210 Datasheet HTML 3Page - Diodes Incorporated SMD1210 Datasheet HTML 4Page - Diodes Incorporated SMD1210 Datasheet HTML 5Page - Diodes Incorporated SMD1210 Datasheet HTML 6Page - Diodes Incorporated SMD1210 Datasheet HTML 7Page - Diodes Incorporated SMD1210 Datasheet HTML 8Page - Diodes Incorporated SMD1210 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
3 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Symbol
Parameter
Rating
Unit
VIN
Input supply voltage relative to GND
-0.3 to 65
V
VAUX
Auxiliary supply voltage relative to GND
-0.3 to 65
V
VISM
Current monitor input relative to GND
-0.3 to 65
V
VSENSE
Current monitor sense voltage (VIN-VISM)
-0.3 to 5
V
VGATE
Gate driver output voltage
-0.3 to 20
V
IGATE
Gate driver continuous output current
18
mA
VFLAG
Flag output voltage
-0.3 to 40
V
VPWM, VADJ,
VTADJ, VGI,
VPWM
Other input pins
-0.3 to 5.5
V
TJ
Maximum junction temperature
150
°C
TST
Storage temperature
-55 to 150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Operation at the absolute maximum rating for extended periods may reduce device reliability.
Recommended Operating Conditions
Symbol
Parameter
Performance/Comment
Min
Max
Unit
VIN
Input supply voltage range
Normal operation
8
60
V
Functional (Note 1)
6.3
VAUX
Auxiliary supply voltage range (Note 2)
Normal operation
8
60
V
Functional
6.3
VISM
Current sense monitor input range
6.3
60
V
VSENSE
Differential input voltage
VVIN-VISM, with 0 ≤ VADJ ≤ 2.5
0
450
mV
VADJ
External dc control voltage applied to ADJ
pin to adjust output current
DC brightness control mode
from 10% to 200%
0.125
2.5
V
IREF
Reference external load current
REF sourcing current
1
mA
fmax
Recommended switching frequency range
(Note 3)
300
1000
kHz
VTADJ
Temperature adjustment (TADJ) input voltage
range
0
VREF
V
fPWM
Recommended PWM dimming frequency range
(Note 4)
To achieve 1000:1 resolution
100
500
Hz
To achieve 500:1 resolution
100
1000
Hz
tPWMH/L
PWM pulse width in dimming mode
PWM input high or low
0.002
10
ms
VPWMH
PWM pin high level input voltage
2
5.5
V
VPWML
PWM pin low level input voltage
0
0.4
V
TJ
Operating Junction Temperature Range
-40
125
°C
GI
Gain setting ratio for boost and buck-boost modes
Ratio= VGI/VADJ
0.20
0.50
Notes:
1. The functional range of VIN is the voltage range over which the device will function. Output current and device parameters may deviate from their
normal values for VIN and VAUX voltages between 6V and 8V, depending upon load and conditions.
2. VAUX can be driven from a voltage higher than VIN to provide higher efficiency at low VIN voltages, but to avoid false operation; a voltage should not
be applied to VAUX in the absence of a voltage at VIN.
3. The device contains circuitry to control the switching frequency to approximately 400kHz. The maximum and minimum operating frequency are not
tested in production.
4. This gives maximum resolution at the expense of accuracy. To ensure accuracy the following equation should be used: 2*Resolution *fPWM < fSWH


Similar Part No. - SMD1210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD1210 ETC1-SMD1210 Datasheet
85Kb / 2P
   UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
logo
Littelfuse
SMD1210 LITTELFUSE-SMD1210 Datasheet
88Kb / 2P
   This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V.
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
SMD1210 HUAXINAN-SMD1210 Datasheet
382Kb / 6P
   Resettable Fuse PTC SMD1210 Series
SMD1210 HUAXINAN-SMD1210 Datasheet
412Kb / 8P
   Low Resistance Resettable Fuse PTC SMD1210 Series
More results

Similar Description - SMD1210

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
   60V BUCK-BOOST LED CONTROLLER
August 2020
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com