Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7357 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA7357
Description  PAL/SECAM Discrimination Circuit for VHS VCRs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7357 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA7357 Datasheet HTML 1Page - Sanyo Semicon Device LA7357 Datasheet HTML 2Page - Sanyo Semicon Device LA7357 Datasheet HTML 3Page - Sanyo Semicon Device LA7357 Datasheet HTML 4Page - Sanyo Semicon Device LA7357 Datasheet HTML 5Page - Sanyo Semicon Device LA7357 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Overview
The LA7357 can be used as a PAL/SECAM
discrimination IC. Since no ceramic resonator or tank
circuit is required, only a small number of external
components are used, and the LA7357 can contribute to
reduced mounting areas and lower system costs.
Package Dimension
unit: mm
3098B-DIP10S
Monolithic Linear IC
Ordering number : EN5654
73097HA(OT) No. 5654-1/6
SANYO: DIP10S
[LA7357]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
PAL/SECAM Discrimination Circuit for VHS VCRs
LA7357
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 65 °C
120
mW
Operating temperature
Topr
–10 to +65
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
5.0
V
Operating voltage range
VCC op
4.8 to 5.5
V
Operating Conditions at Ta = 25°C
Specifications
Maximum Ratings at Ta = 25°C


Similar Part No. - LA7357

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7356 SANYO-LA7356 Datasheet
139Kb / 6P
   For Use in VCR Products PAL/SECAM (MESECAM) Discrimination IC
LA7356M SANYO-LA7356M Datasheet
139Kb / 6P
   For Use in VCR Products PAL/SECAM (MESECAM) Discrimination IC
LA7358M SANYO-LA7358M Datasheet
433Kb / 17P
   Monolithic Linear IC For VCR SECAM Chroma Signal Processor
More results

Similar Description - LA7357

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7356 SANYO-LA7356 Datasheet
139Kb / 6P
   For Use in VCR Products PAL/SECAM (MESECAM) Discrimination IC
logo
NTE Electronics
NTE15039 NTE-NTE15039 Datasheet
23Kb / 3P
   Integrated Circuit VHS/VCR Chroma Signal Proessor for NTSC/PAL/SECAM Systems
logo
Sanyo Semicon Device
LA7311 SANYO-LA7311 Datasheet
119Kb / 5P
   VTR-Use PAL/Secam Discriminator S-VHS Discriminator
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com