Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX949L4 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX949L4
Description  CDPD Wireless Modem Data Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949L4 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX949L4 Datasheet HTML 6Page - CML Microcircuits FX949L4 Datasheet HTML 7Page - CML Microcircuits FX949L4 Datasheet HTML 8Page - CML Microcircuits FX949L4 Datasheet HTML 9Page - CML Microcircuits FX949L4 Datasheet HTML 10Page - CML Microcircuits FX949L4 Datasheet HTML 11Page - CML Microcircuits FX949L4 Datasheet HTML 12Page - CML Microcircuits FX949L4 Datasheet HTML 13Page - CML Microcircuits FX949L4 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
10
D/949/5
$49
0
1
0
RX SYN 11
0
0
<-- SYNDROME SYMBOL 11 = [ r (x) / (x +
α11) ] --
>
$4A
0
1
0
RX SYN 12
0
0
<-- SYNDROME SYMBOL 12 = [ r (x) / (x +
α12) ] --
>
$4B
0
1
0
RX SYN 13
0
0
<-- SYNDROME SYMBOL 13 = [ r (x) / (x +
α13) ] --
>
$4C
0
1
0
RX SYN 14
0
0
<-- SYNDROME SYMBOL 14 = [ r (x) / (x +
α14) ] --
>
$4D
0
1
0
RX SYN 15
0
0
<-- SYNDROME SYMBOL 15 = [ r (x) / (x +
α15) ] --
>
$4E
0
1
0
RX SYN 16
0
0
<-- SYNDROME SYMBOL 16 = [ r (x) / (x +
α16) ] --
>
$4F
0
1
0
STATUS
SYNC
DEC
IDLE
ERROR
0
<---- SYNC ERRORS--->
$50
0
1
0
IRQ FLAGS
SYNCF
DECF
IDLEF
TXF
TIMEF
0
0
0


Similar Part No. - FX949L4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX901 SANYO-FX901 Datasheet
168Kb / 5P
   DC-DC Converter Applications
logo
CML Microcircuits
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD2 CMLMICRO-FX919AD2 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD5 CMLMICRO-FX919AD5 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AP4 CMLMICRO-FX919AP4 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
More results

Similar Description - FX949L4

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX989 CMLMICRO-CMX989 Datasheet
445Kb / 31P
   CDPD MAC and Data Pump Processor
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
logo
CML Microcircuits
CMX7143 CMLMICRO-CMX7143 Datasheet
168Kb / 5P
   Multi-Mode Wireless Data Modem
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX929A CMLMICRO-FX929A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
Murata Manufacturing Co...
HN-591 MURATA-HN-591 Datasheet
64Kb / 3P
   900MHz Frequency Hopping Wireless Data Modem
HN-550 MURATA-HN-550 Datasheet
66Kb / 3P
   2.4Ghz Frequency Hopping Wireless Data Modem
HN-291 MURATA-HN-291 Datasheet
92Kb / 3P
   900MHz Frequency Hopping Wireless Data Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com