Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX949 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX949
Description  CDPD Wireless Modem Data Pump
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX949 Datasheet(HTML) 5 Page - CML Microcircuits

  FX949 Datasheet HTML 1Page - CML Microcircuits FX949 Datasheet HTML 2Page - CML Microcircuits FX949 Datasheet HTML 3Page - CML Microcircuits FX949 Datasheet HTML 4Page - CML Microcircuits FX949 Datasheet HTML 5Page - CML Microcircuits FX949 Datasheet HTML 6Page - CML Microcircuits FX949 Datasheet HTML 7Page - CML Microcircuits FX949 Datasheet HTML 8Page - CML Microcircuits FX949 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CDPD Wireless Modem Data Pump
FX949
© 1996 Consumer Microcircuits Limited
5
D/949/5
Package
L4
Package
L6
Signal
Description
Pin No.
Pin No.
Name
Type
33
37
CSN
I/P
Chip Select. An active low logic level input to the
modem, used to enable a data read or write
operation.
34
38
WRN
I/P
Write. An active low logic level input used to
control the writing of data into the modem from
the controlling
µP.
35
39
RDN
I/P
Read. An active low logic level input used to
control the reading of data from the modem into
the controlling
µP.
38
41
A6
I/P
)
39
42
A5
I/P
)
43
1
A4
I/P
)
44
2
A3
I/P
)
7 logic level modem register address select
45
3
A2
I/P
)
inputs.
46
4
A1
I/P
)
47
5
A0
I/P
)
1, 6,
11, 19,
24, 30,
36, 37,
40, 41,
42, 48
6, 7,
16, 28,
30, 40,
43, 44
)
)
)
No internal connection: leave open circuit.
)
)
)
21, 22,
23, 25,
28, 29,
31
25, 26,
27, 29,
33, 34,
35
)
)
Internally connected: leave open circuit.
)
)
Notes:
I/P
=
Input
O/P =
Output
BI
=
Bidirectional


Similar Part No. - FX949

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX901 SANYO-FX901 Datasheet
168Kb / 5P
   DC-DC Converter Applications
logo
CML Microcircuits
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD2 CMLMICRO-FX919AD2 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD5 CMLMICRO-FX919AD5 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AP4 CMLMICRO-FX919AP4 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
More results

Similar Description - FX949

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX989 CMLMICRO-CMX989 Datasheet
445Kb / 31P
   CDPD MAC and Data Pump Processor
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
logo
CML Microcircuits
CMX7143 CMLMICRO-CMX7143 Datasheet
168Kb / 5P
   Multi-Mode Wireless Data Modem
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX929A CMLMICRO-FX929A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
Murata Manufacturing Co...
HN-591 MURATA-HN-591 Datasheet
64Kb / 3P
   900MHz Frequency Hopping Wireless Data Modem
HN-550 MURATA-HN-550 Datasheet
66Kb / 3P
   2.4Ghz Frequency Hopping Wireless Data Modem
HN-291 MURATA-HN-291 Datasheet
92Kb / 3P
   900MHz Frequency Hopping Wireless Data Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com