Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX651 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX651
Description  SPM and Security Subsystem
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX651 Datasheet HTML 6Page - CML Microcircuits FX651 Datasheet HTML 7Page - CML Microcircuits FX651 Datasheet HTML 8Page - CML Microcircuits FX651 Datasheet HTML 9Page - CML Microcircuits FX651 Datasheet HTML 10Page - CML Microcircuits FX651 Datasheet HTML 11Page - CML Microcircuits FX651 Datasheet HTML 12Page - CML Microcircuits FX651 Datasheet HTML 13Page - CML Microcircuits FX651 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
10
D/651/4
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin (wrt VSS)
-0.3
VDD + 0.3
V
Current into or out of VDD and VSS pins
-30
+30
mA
Current into or out of any other pin
-20
+20
mA
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
Derating ...
13
mW/°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Min.
Max.
Units
Supply (VDD - VSS)
3.0
5.5
V
Operating Temperature
-40
+85
°C
Xtal Frequency
3.579008
3.580082
MHz
Operating Characteristics
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, Noise and Distortion Measured in 50kHz Bandwidth
VDD = 3.3V to 5.5V, Tamb = -40°C to 85°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
VDD
3.3
5.5
V
IDD
1
2.5
4.0
mA
IDD
2
1.0
2.0
mA
Logic "1" Input Level
1, 3
3.5
V
Logic "0" Input Level
1, 3
1.5
V
Logic "1" Output Level at IOH = -120µA
1
4.6
V
Logic "1" Output Level at IOL = 360µA
1
0.4
V
Notes:
1.
At VDD = 5.0V only, IDD specification does not include any current drawn from the
device pins by external circuitry.
2.
At VDD = 3.3V only, IDD specification does not include any current drawn from the
device pins by external circuitry.
3.
CLKIN input signal may be sinusoidal.


Similar Part No. - FX651

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX6-100P-0.8SV HIROSE-FX6-100P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV1 HIROSE-FX6-100P-0.8SV1 Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100P-0.8SV2 HIROSE-FX6-100P-0.8SV2 Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-100S-0.8SV HIROSE-FX6-100S-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
More results

Similar Description - FX651

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECCOSTOCK-SH LSTD-ECCOSTOCK-SH Datasheet
114Kb / 2P
   Security and Defense
logo
OmniVision Technologies...
OV5658 OMNIVISION-OV5658 Datasheet
1Mb / 2P
   Security and Surveillance
OV6930 OMNIVISION-OV6930 Datasheet
5Mb / 2P
   Security and Surveillance
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
   Monomax Black and White TV Subsystem
logo
NXP Semiconductors
MKMXXZXXCXX5 NXP-MKMXXZXXCXX5 Datasheet
1Mb / 54P
   Security and integrity modules
Rev. 7, 01/2014
MKMXXZXXACXX5 NXP-MKMXXZXXACXX5 Datasheet
1Mb / 53P
   Security and integrity modules
Rev. 1, 09/2014
logo
Ultralife Corporation.
CR123A ULTRALIFE-CR123A Datasheet
457Kb / 2P
   Safety and security systems
16 DEC 20 Rev: C
logo
ON Semiconductor
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
logo
Silicon Laboratories
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
   Home and Building Automation and Security
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com