Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX602D4 Datasheet(PDF) 24 Page - CML Microcircuits

Part No. FX602D4
Description  CALLING LINE IDENTIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CMLMICRO [CML Microcircuits]
Homepage  http://www.cmlmicro.com
Logo 

FX602D4 Datasheet(HTML) 24 Page - CML Microcircuits

Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
24
D/602/7
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current into or out of VDD and VSS pins
-30
+30
mA
Current into or out of any other pin
-20
+20
mA
D4 / P3 Packages
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
... Derating
13
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD - VSS)
3.0
5.5
V
Operating Temperature
-40
+85
°C
Xtal frequency
1
3.575965
3.583125
MHz
Notes:
1. A Xtal frequency of 3.579545MHz ±0.1% is required for correct Tone Alert and FSK
detection.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn