Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX602D4 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX602D4
Description  CALLING LINE IDENTIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602D4 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX602D4 Datasheet HTML 2Page - CML Microcircuits FX602D4 Datasheet HTML 3Page - CML Microcircuits FX602D4 Datasheet HTML 4Page - CML Microcircuits FX602D4 Datasheet HTML 5Page - CML Microcircuits FX602D4 Datasheet HTML 6Page - CML Microcircuits FX602D4 Datasheet HTML 7Page - CML Microcircuits FX602D4 Datasheet HTML 8Page - CML Microcircuits FX602D4 Datasheet HTML 9Page - CML Microcircuits FX602D4 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
6
D/602/7
1.4
External Components
R1
470k
R2
See section 1.5.8
C1, C2
18pF
R3, R4, R5
470k
C3, C4
0.1
µF
R6, R7
470k
C5
0.33
µF
R8
470k
Ω for VDD = 3.3V
680k
Ω for VDD = 5.0V
(See section 1.5.2)
C6, C7
C8,C9
680pF
0.1
µF
R9
240k
Ω for VDD = 3.3V
200k
Ω for VDD = 5.0V
(See section 1.5.2)
R10
160k
X1
3.579545MHz
R11
100k
Ω ±20%
D1 - D4
1N4004
Resistors
±1%, capacitors ±20% unless otherwise stated.
Figure 2 Recommended External Components for Typical Application


Similar Part No. - FX602D4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX602 SANYO-FX602 Datasheet
96Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - FX602D4

ManufacturerPart #DatasheetDescription
logo
Winbond
W91030B WINBOND-W91030B Datasheet
306Kb / 31P
   CALLING LINE IDENTIFIER
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
logo
Extech Instruments Corp...
CT40 EXTECH-CT40 Datasheet
248Kb / 1P
   16-Line Cable Identifier/Tester Kit
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
logo
TE Connectivity Ltd
C-3-1440000-9 TEC-C-3-1440000-9 Datasheet
121Kb / 2P
   change logo,add cqc, line identifier, plating thickness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com