Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX589 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX589
Description  Low-Voltage/High-Speed GMSK Modem
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX589 Datasheet HTML 3Page - CML Microcircuits FX589 Datasheet HTML 4Page - CML Microcircuits FX589 Datasheet HTML 5Page - CML Microcircuits FX589 Datasheet HTML 6Page - CML Microcircuits FX589 Datasheet HTML 7Page - CML Microcircuits FX589 Datasheet HTML 8Page - CML Microcircuits FX589 Datasheet HTML 9Page - CML Microcircuits FX589 Datasheet HTML 10Page - CML Microcircuits FX589 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Application Information ......
PLLacq
“1”
“1” to “0”
“0”
“0”
RxDCacq
“0” to “1”
“1”
“0”
“0”
Rx Hold
X
“1”
“1”
“0”
Rx Hold
X
X
“1”
“0”
PLL Action
Acquire: Sets the PLL bandwidth wide enough to allow a lock to the received signal in
less than 8 zero crossings. This mode will operate as long as PLLacq is a logic “1”.
Medium Bandwidth: The correction applied to the extracted clock is limited to a
maximum of ±1/16th bit-period for every two received zero-crossings. The PLL operates
in this mode for a period of about 30 bits immediately following a “1” to “0” transition of the
PLLacq input, provided that the Rx Hold input is a logic “1”.
Narrow Bandwidth: The correction applied to the extracted clock is limited to a maximum
of ±1/64th bit-period for every two received zero-crossings. The PLL operates in this
mode whenever the Rx Hold Input is a logic “1” and PLLacq has been a logic “0” for at
least 30 bit periods (after Medium Bandwidth operation for instance).
Hold: The PLL feedback loop is broken, allowing the Rx Clock to freewheel during signal
fade periods.
Rx Level Measure Action
Clamp: Operates for one bit-time after a “0” to “1” transition of the RxDCacq input. The
external capacitors are rapidly charged towards a voltage mid-way between the received
signal input level and V
BIAS, with the charge time-constant being of the order of 0.5bit-time.
Fast Peak Detect: The voltage detectors act as peak-detectors, one capacitor is used to
capture the ‘positive’-going signal peaks of the Rx Filter output signal and the other capturing
the ‘negative’-going peaks. The detectors operate in this mode whenever the RxDCacq input
is at a logic “1,” except for the initial 1-bit Clamp-mode time.
Averaging Peak Detect: Provides a slower but more accurate measurement of the signal
peak amplitudes.
Hold: The capacitor charging circuits are disabled so that the outputs of the voltage detectors
remain substantially at the last readings (discharging very slowly [time-constant approx.
2,000bits] towards V
BIAS).
Table 2 PLL and Rx Level Measurement Operational Modes
X = don't care
Rx Clock Extraction
Synchronized by a phased locked loop (PLL)
circuit to zero-crossings of the incoming data, the ‘Rx
Clock Extraction’ circuitry controls the ‘Rx Clock’
output. The Rx Clock is also used internally by the
Data Extraction circuitry. The PLL parameters can be
varied by the ‘Rx Circuit Control’ inputs PLLacq and Rx
Hold to operate in one of four PLL modes as described
in Table 2.
Rx S/N Detection
The ‘Rx S/N Detector’ system classifies the
incoming zero-crossings as GOOD or BAD depending
upon the time when each crossing actually occurs with
respect to its expected time as determined by the
Clock Extraction PLL. This information is then
processed to provide a logic level output at the ‘Rx
S/N’ pin; a ‘high’ level indicates a series of GOOD
crossings, a ‘low‘ level indicates a BAD crossing.
By averaging this output it is possible to derive a
measure of the Signal-to-Noise-Ratio and hence the
Bit-Error-Rate of the received signal.
Rx Data Extraction
The ‘Rx Data Extraction’ circuit decides whether
each received bit is a “1” or “0” by sampling the output
of the Rx Filter in the middle of each bit-period, and
comparing the sampled voltage against a threshold
derived from the ‘Level Measuring’ circuit. This
threshold is varied on a bit-by-bit basis to compensate
for intersymbol interference depending on the chosen
BT. The extracted data is output from the ‘Rx Data’
pin, and should be sampled externally on the rising
edge of the ‘Rx Clock.’


Similar Part No. - FX589

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX5(100)-240X240T2900 KEMET-FX5(100)-240X240T2900 Datasheet
55Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-120X120T2900 KEMET-FX5(25)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(25)-240X240T2900 KEMET-FX5(25)-240X240T2900 Datasheet
53Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-80X80T2900 KEMET-FX5(25)-80X80T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(50)-120X120T2900 KEMET-FX5(50)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
More results

Similar Description - FX589

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX489 ETC-FX489 Datasheet
106Kb / 12P
   GMSK Modem
logo
CML Microcircuits
FX489 CMLMICRO-FX489 Datasheet
109Kb / 12P
   GMSK Modem
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
   HALF DUPLEX GMSK MODEM
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
   HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
List of Unclassifed Man...
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
   HIGH SPEED Modem and FAX FAMILY
logo
National Semiconductor ...
MM74HC942 NSC-MM74HC942 Datasheet
146Kb / 8P
   MM74HC942 is a full duplex low speed modem
logo
Maxim Integrated Produc...
MAX995EUD MAXIM-MAX995EUD Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
   Low Voltage High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com