Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7289 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA7289
Description  VCR Audio Signal Record and Playback Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7289 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7289 Datasheet HTML 1Page - Sanyo Semicon Device LA7289 Datasheet HTML 2Page - Sanyo Semicon Device LA7289 Datasheet HTML 3Page - Sanyo Semicon Device LA7289 Datasheet HTML 4Page - Sanyo Semicon Device LA7289 Datasheet HTML 5Page - Sanyo Semicon Device LA7289 Datasheet HTML 6Page - Sanyo Semicon Device LA7289 Datasheet HTML 7Page - Sanyo Semicon Device LA7289 Datasheet HTML 8Page - Sanyo Semicon Device LA7289 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 5642-2/11
LA7289
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain (EE)
ICCE
No signal
10.0
12.5
15.0
mA
Current drain (playback)
ICCP
No signal
11.2
14.0
16.8
mA
Current drain (record)
ICCR
No signal
9.6
12.0
14.4
mA
[Equalizer amplifier]
Open-circuit voltage gain
VGOE
VO = –6dBV
58.4
64.4
dB
Input noise voltage
VNIE
Rg = 620
Ω, DIN audio filter
1.0
1.8
µVrms
[Line Amplifier]
Voltage gain (PB input)
VGLP
VO = –6dBV
20.1
20.6
21.1
dB
Voltage gain (LINE input)
VGLL
VO = –6dBV
20.1
20.6
21.1
dB
Voltage gain (TUNER input)
VGLT
VO = –6dBV
20.1
20.6
21.1
dB
Harmonic distortion
THDL
VO = –6dBV
0.05
0.3
%
Output noise voltage
VNOL
Rg = 620
Ω, DIN audio filter
–75
–69
dBV
Maximum output voltage
VOML
THD = 1%
1.7
2.5
Vrms
Output voltage when ALC operating
VOA
VIN = –25dBV
–7
–6
–5
dBV
ALC effect
ALC
VIN = –25dBV to –5dBV
1
3
dB
Total harmonic distortion when ALC operating
THDA
VIN = –25dBV
0.05
0.6
%
[Record Amplifier]
Voltage gain
VGCR
VO = –6dBV
13.5
14.0
14.5
dB
Harmonic distortion
THDR
VO = –6dBV
0.05
0.3
%
Maximum output voltage
VOMR
THD = 1%
1.7
2.5
Vrms
[REC/EE Switching Circuit]
Record mode hold voltage
VRR
The pin 19 DC voltage
3.6
6.0
V
EE mode hold voltage
VRE
The pin 19 DC voltage
0
1
V
[Muting Circuit]
On state hold voltage
VMON
The pin 18 DC voltage
3.6
6.0
V
Off state hold voltage
VMOFF
The pin 18 DC voltage
0
1
V
Muting attenuation
MP, ML, MT
80
90
dB
(PB, LINE. TUNER)
[PB, LINE. TUNER Switching Circuit]
PB mode hold voltage
VLP
The pin 17 DC voltage
3.6
6.0
V
LINE mode hold voltage
VLL
The pin 17 DC voltage
1.8
2.6
V
TUNER mode hold voltage
VLT
The pin 17 DC voltage
0
1.0
V
[EP. LP. SP Switching Circuit]
EP mode hold voltage
VEE
The pin 16 DC voltage
3.6
6.0
V
LP mode hold voltage
VEL
The pin 16 DC voltage
1.8
2.6
V
SP mode hold voltage
VEE
The pin 16 DC voltage
0
0.8
V
[Switching Circuit]
Pin 2 on resistance
RON2
I1 = ±1 mA
10
30
Pin 2 input voltage
VIN2
Ta = 65°C, f = 70 kHz (sin), ILK = 10 µA
±45
V
[Record Bias Automatic Adjustment Circuit]
Record bias current
IB
220
245
270
µA
Pin 1 output control range
V1
2.0
4.0
6.0
V
Electrical Characteristics at Ta = 25°C, VCC = 12 V, f = 1 kHz, 0 dBV = 1.0 Vrms


Similar Part No. - LA7289

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7282M SANYO-LA7282M Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7285M SANYO-LA7285M Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
More results

Similar Description - LA7289

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7256 SANYO-LA7256 Datasheet
168Kb / 9P
   high-Fidelity Audio Signal Record/Playback Processing Circuit for VCR Products
LA7415 SANYO-LA7415 Datasheet
200Kb / 12P
   VHS VCR Playback Head and Record Amplifiers
LA72648M SANYO-LA72648M Datasheet
461Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Procissing
logo
STMicroelectronics
STV5727 STMICROELECTRONICS-STV5727 Datasheet
363Kb / 7P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
September 1996
logo
Sanyo Semicon Device
LA72648M SANYO-LA72648M_07 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
logo
STMicroelectronics
STV5722A STMICROELECTRONICS-STV5722A Datasheet
87Kb / 5P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5726A STMICROELECTRONICS-STV5726A Datasheet
68Kb / 6P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com