Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA7285 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA7285
Description  VCR Audio Signal Recording and Playback Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7285 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA7285 Datasheet HTML 1Page - Sanyo Semicon Device LA7285 Datasheet HTML 2Page - Sanyo Semicon Device LA7285 Datasheet HTML 3Page - Sanyo Semicon Device LA7285 Datasheet HTML 4Page - Sanyo Semicon Device LA7285 Datasheet HTML 5Page - Sanyo Semicon Device LA7285 Datasheet HTML 6Page - Sanyo Semicon Device LA7285 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA7285, 7285M
No.4091-5/7
.
o
N
n
i
Pe
m
a
n
n
o
i
t
c
n
u
Fn
i
p
r
o
f
t
i
u
c
r
i
c
l
a
n
r
e
t
n
I
n
o
i
t
c
n
u
f
f
o
n
o
i
t
p
i
r
c
s
e
D
1
1
h
c
t
i
w
s
d
a
e
H
)
e
g
a
t
l
o
v
d
n
a
t
s
h
t
i
w
h
g
i
h
(
B
P
,
E
E
C
E
R
,
f
f
o
→ ff
o
e
c
n
a
t
s
i
s
e
r
n
O
→ 0
2
)
p
y
t
(
f
f
o
n
e
h
w
e
g
a
t
l
o
v
d
n
a
t
s
h
t
i
W
V
5
4
±
)
z
H
k
0
8
=
f
(
2
d
n
a
t
u
p
n
i
P
M
A
Q
E
2
h
c
t
i
w
s
d
a
e
H
l
a
n
g
i
s
k
c
a
b
y
a
l
p
r
o
f
e
c
n
a
d
n
e
p
m
i
t
u
p
n
I
d
a
e
h
m
o
r
f
t
u
p
n
i
→ k
0
8
)
p
y
t
(
C
E
R
,
E
E
→ n
o
B
P
→ ff
o
e
c
n
a
t
s
i
s
e
r
n
O
→ 5Ω
)
p
y
t
(
3D
N
G
d
n
a
h
c
t
i
w
s
d
a
e
h
1
n
i
p
r
o
f
D
N
G
y
l
n
o
r
e
i
f
il
p
m
A
r
e
z
il
a
u
q
E
41
h
c
t
i
w
s
e
d
o
m
P
E
d
n
a
s
d
a
e
h
e
p
a
t
e
g
n
a
h
c
o
t
e
s
U
.
y
c
n
e
u
q
e
r
f
t
n
a
n
o
s
e
r
e
c
n
a
t
s
i
s
e
r
n
O
→ 5
1
)
p
y
t
(
e
c
n
a
d
n
e
p
m
i
t
u
p
n
I
k
0
1
)
p
y
t
(
)
e
d
o
m
P
E
(
52
h
c
t
i
w
s
e
d
o
m
P
E
r
e
z
il
a
u
q
E
k
c
a
b
y
a
l
P
e
h
t
s
e
h
c
t
i
w
S
y
c
n
e
u
q
e
r
f
n
o
i
g
e
r
-
h
g
i
h
r
e
i
f
il
p
m
A
.
n
i
a
g
e
g
a
t
l
o
v
e
c
n
a
t
a
t
i
s
e
r
n
O
→ k
5
1
)
p
y
t
(
e
c
n
a
d
e
p
m
i
t
u
p
n
I
→ k
0
1
)
p
y
t
(
)
e
d
o
m
P
E
(
6B
F
N
P
M
A
Q
E
e
v
i
t
a
g
e
n
r
e
i
f
il
p
m
A
r
e
z
il
a
u
q
E
n
i
p
k
c
a
b
d
e
e
f
7t
u
p
t
u
o
P
M
A
Q
E
8t
u
p
n
i
B
P
P
M
A
E
N
I
L
e
h
t
m
o
r
f
l
a
n
g
i
s
k
c
a
b
y
a
l
p
e
h
t
s
t
u
p
n
I
e
h
t
e
s
u
a
c
e
B
.
r
e
i
f
il
p
m
A
r
e
z
il
a
u
q
E
K
0
1
1
s
a
h
g
i
h
s
a
s
i
e
c
n
a
d
e
p
m
i
t
u
p
n
i
,
d
e
s
u
e
b
n
a
c
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
1
.
0
a
.
8
n
i
p
n
o
r
o
t
i
c
a
p
a
c
g
n
il
p
u
o
c
e
h
t
r
o
f
9R
E
T
L
I
F
C
L
A
n
e
h
w
d
e
m
r
o
f
r
e
p
s
i
n
o
i
t
c
e
t
e
d
e
v
a
W
a
h
g
u
o
r
h
t
D
N
G
o
t
d
e
t
c
e
n
n
o
c
d
n
a
k
c
a
t
t
a
e
h
t
,
n
o
i
t
i
d
d
a
n
I
.
r
o
t
i
c
a
p
a
c
R
d
n
a
C
y
b
t
e
s
s
i
e
m
i
t
y
r
e
v
o
c
e
r
.
s
t
n
a
t
s
n
o
c
e
m
i
t
0
1t
u
p
n
i
R
E
N
U
T
1
1D
N
G
e
h
t
t
p
e
c
x
e
s
k
c
o
l
b
t
i
u
c
r
i
c
ll
a
r
o
f
D
N
G
.
r
e
i
f
il
p
m
A
r
e
z
il
a
u
q
E
d
n
a
h
c
t
i
w
s
d
a
e
h
Pin Function
Unit (resistance:
Ω)
Continued to next page.
Inputs EE and REC signals.
The reference input is set by resistors
R1 and R2.
The amplifier gain is fixed at 21.5dB.
In addition, because the input
impedance is as high as 110k
Ω, a 0.1µF
ceramic capacitor can be used for the
coupling capacitor on pin 10.
Internal
reference
Internal
reference


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn