Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA7285 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7285
Description  VCR Audio Signal Recording and Playback Processor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7285 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA7285 Datasheet HTML 1Page - Sanyo Semicon Device LA7285 Datasheet HTML 2Page - Sanyo Semicon Device LA7285 Datasheet HTML 3Page - Sanyo Semicon Device LA7285 Datasheet HTML 4Page - Sanyo Semicon Device LA7285 Datasheet HTML 5Page - Sanyo Semicon Device LA7285 Datasheet HTML 6Page - Sanyo Semicon Device LA7285 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
53098HA (KT) No.4091-1/7
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
VCR Audio Signal Recording
and Playback Processor
Ordering number:EN4091
LA7285, 7285M
Monolithic Linear IC
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
m
u
m
i
x
a
MV C
C
x
a
m
4
1V
e
g
a
t
l
o
v
t
u
p
n
i
1
n
i
PV N
I 1C
D
5
6
+p
-
p
V
t
n
e
r
r
u
c
t
u
p
n
i
1
n
i
PV N
I 1
5
.
1
±A
m
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
l
b
a
w
o
ll
Ax
a
m
d
P
0
0
4W
m
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
6
+
o
t
0
1
e
r
u
r
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
Ta
≤65˚C
SANYO:DIP24S
Package Dimensions
unit:mm
3067-DIP24S
[LA7285]
Operating Conditions at Ta=25˚C
Overview
The LA7285 and LA7285M include on chip all functions
required for the record and playback of VCR audio
signals. In addition, the inclusion of a switching circuit
for switching between tuner and line input in addition to
the circuits provided by earlier ICs makes the LA7285
truly optimal for audio VCR products.
Funtions
• Equalizer amplifier
• Line amplifier
• Recording/playback switch
• Recording amplifier
• Mute
• SP, LP, EP switch
• Ripple filter
• ALC
• Tape head switch
• Line/tuner input switch
Features
• Built-in input switching circuit (for the line and tuner
inputs).
• Smaller package leaves large space for other
components.
• Equalizer input/output capacitors not required.
• Low gain variation eliminates the need for external
ajustment.
• Supply voltage : 9V and 12V operation.
Specifications
Maximum Ratings at Ta = 25˚C
unit:mm
3112-MFP24S
[LA7285M]
SANYO:MFP24S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
v
y
l
p
p
u
s
d
e
d
n
e
m
m
o
c
e
RV C
C
2
1V
e
g
n
a
r
e
g
a
t
l
o
v
y
l
p
p
u
s
g
n
i
t
a
r
e
p
OV C
C
p
o
5
7
.
2
1
o
t
5
.
8V
˚C
˚C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn