Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR12U100P5-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR12U100P5-13
Description  SUPER BARRIER RECTIFIER Soft, Fast Switching Capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR12U100P5-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR12U100P5-13 Datasheet HTML 1Page - Diodes Incorporated SBR12U100P5-13 Datasheet HTML 2Page - Diodes Incorporated SBR12U100P5-13 Datasheet HTML 3Page - Diodes Incorporated SBR12U100P5-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR12U100P5
Document number: DS31388 Rev. 3 - 2
1 of 4
www.diodes.com
December 2010
© Diodes Incorporated
SBR12U100P5
SBR and PowerDI are registered trademarks of Diodes Incorporated.
12A SBR
®
SUPER BARRIER RECTIFIER
PowerDI
®5
Features
Ultra Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
150ºC Operating Junction Temperature
Lead Free Finish, RoHS Compliant (Note 1)
“Green” Molding Compound (No Br, Sb)
Mechanical Data
Case: PowerDI
®5
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.093 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
SBR12U100P5-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S12U100 = Product Type Marking Code
= Manufacturers’ Code Marking
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 08 for 2008)
WW = Week Code (01 - 53)
K = Factory Designator
YYWWK
S12U100


Similar Part No. - SBR12U100P5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR12U100P5Q DIODES-SBR12U100P5Q Datasheet
682Kb / 6P
   12A SBR SUPER BARRIER RECTIFIER POWERDI5
August 2022
SBR12U100P5Q-13 DIODES-SBR12U100P5Q-13 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 12A SBR짰 POWERDI짰5
SBR12U100P5Q-13 DIODES-SBR12U100P5Q-13 Datasheet
682Kb / 6P
   12A SBR SUPER BARRIER RECTIFIER POWERDI5
August 2022
SBR12U100P5Q-13D DIODES-SBR12U100P5Q-13D Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 12A SBR짰 POWERDI짰5
SBR12U100P5Q-13D DIODES-SBR12U100P5Q-13D Datasheet
682Kb / 6P
   12A SBR SUPER BARRIER RECTIFIER POWERDI5
August 2022
More results

Similar Description - SBR12U100P5-13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4001 VISHAY-SF4001 Datasheet
49Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYT44 VISHAY-BYT44 Datasheet
42Kb / 4P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
SF5400 VISHAY-SF5400 Datasheet
51Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
MIC GROUP RECTIFIERS
SFR101 MIC-SFR101 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR301 MIC-SFR301 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR501 MIC-SFR501 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
BY500-100 MIC-BY500-100 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR201 MIC-SFR201 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
NTE Electronics
NTE569 NTE-NTE569 Datasheet
17Kb / 1P
   Silicon Rectifier Fast Switching, Soft Recovery
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com