Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WKPSO8-TP Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-WKPSO8-TP
Description  15 V CW P-TYPE LASER DIODE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WKPSO8-TP Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-WKPSO8-TP Datasheet HTML 1Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 2Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 3Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 4Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 5Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 6Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 7Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 8Page - IC-Haus GmbH IC-WKPSO8-TP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
iC-WKP
15 V CW P-TYPE LASER DIODE DRIVER
Rev A6, Page 4/10
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Voltage at VCC
-6
16
V
G002 I(VCC)
Current in VCC
-10
900
mA
G003 I(CI)
Current in CI
-10
10
mA
G004 I(LDA)
Current in LDA
-900
10
mA
G005 I(VCCA)
Current in VCCA
-10
10
mA
G006 I(MDA)
Current in MDA
-10
10
mA
G007 I(MDK)
Current in MDK
-10
10
mA
G008 I(AGND)
Current in AGND
-10
10
mA
G009 I(GND)
Current in GND
-10
900
mA
G010 Vd()
ESD susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G011 Tj
Operating Junction Temperature
-40
150
°C
G012 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VCC = 3...15 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
85
°C
T02
Rthja
Thermal Resistance Chip/Ambient
SMD assembly, no additional cooling areas
170
K/W
T03
Rthja
Thermal Resistance Chip/Ambient
Therm. pad soldered to approx. 2 cm² cooling
area
30
50
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-WKPSO8-TP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
IC-WK2D ROITHNER-IC-WK2D Datasheet
60Kb / 1P
   LASERDIODE DRIVER PCB for n-type laser diodes
logo
IC-Haus GmbH
IC-WKEVALWK4D ICHAUS-IC-WKEVALWK4D Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WKICSYWK1D ICHAUS-IC-WKICSYWK1D Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results

Similar Description - IC-WKPSO8-TP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com