Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WJZ Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-WJZ
Description  LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJZ Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-WJZ Datasheet HTML 1Page - IC-Haus GmbH IC-WJZ Datasheet HTML 2Page - IC-Haus GmbH IC-WJZ Datasheet HTML 3Page - IC-Haus GmbH IC-WJZ Datasheet HTML 4Page - IC-Haus GmbH IC-WJZ Datasheet HTML 5Page - IC-Haus GmbH IC-WJZ Datasheet HTML 6Page - IC-Haus GmbH IC-WJZ Datasheet HTML 7Page - IC-Haus GmbH IC-WJZ Datasheet HTML 8Page - IC-Haus GmbH IC-WJZ Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
iC-WJ, iC-WJZ
LASER DIODE DRIVER
Rev C1, Page 1/12
FEATURES
o Laser diode driver for continuous and pulsed operation (CW to
300 kHz) up to 250 mA
o Averaging control of laser power
o Simple adjustment of the laser power via external resistor
o Adjustable watchdog at the switching input to protect the laser
diode
o Soft-start after power-on
o Driver shutdown with overtemperature and undervoltage
o Single 5 V supply
o Simple circuitry
o iC-WJ for laser diodes with 50 to 500 µA monitor current
o iC-WJZ for laser diodes with 0.15 to 1.5 mA monitor current
APPLICATIONS
o General purpose laser diode
driver
PACKAGES
SO8
MSOP8
BLOCK DIAGRAM
+5 V
100
µF
C1
DRIVER STAGE
INPUT
POWER DOWN
THERMAL
WATCHDOG
REFERENCE
REF
VCC
REF
1
2
3
4
100 nF..470 nF
CI
CWD
RSET
10 k
74HCxx
KLD
VCC
CI
CWD
IN
GND
ISET
AMD
usable LD models
MD
LD
SHUTDOWN
iC−WJ/WJZ
1:1 iC−WJ
1:3 iC−WJZ
R1
12
C3
2 nF
5
8
7
1
3
2
6
4
Copyright © 2006 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-WJZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
More results

Similar Description - IC-WJZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com