Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6068SE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN6068SE
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6068SE Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN6068SE_11 Datasheet HTML 1Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 2Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 3Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 4Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 5Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 6Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 7Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 8Page - Diodes Incorporated DMN6068SE_11 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMN6068SE
Document Number DS32033 Rev. 2 - 2
4 of 9
www.diodes.com
January 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN6068SE
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
60
V
ID = 250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
0.5
μA
VDS= 60V, VGS= 0V
Gate-Source Leakage
IGSS
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
ID= 250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 8)
RDS (ON)
0.068
VGS= 10V, ID= 12A
0.100
VGS= 4.5V, ID= 6A
Forward Transconductance (Notes 8 & 9)
gfs
19.7
S
VDS= 15V, ID= 12A
Diode Forward Voltage (Note 8)
VSD
0.98
1.15
V
IS= 12A, VGS= 0V
Reverse recovery time (Note 9)
trr
145
ns
IS= 12A, di/dt= 100A/μs
Reverse recovery charge (Note 9)
Qrr
929
nC
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
502
pF
VDS= 30V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
45.7
pF
Reverse Transfer Capacitance
Crss
27.1
pF
Total Gate Charge (Note 10)
Qg
5.55
nC
VGS= 4.5V
VDS= 30V
ID= 12A
Total Gate Charge (Note 10)
Qg
10.3
nC
VGS= 10V
Gate-Source Charge (Note 10)
Qgs
1.6
nC
Gate-Drain Charge(Note 10)
Qgd
3.5
nC
Turn-On Delay Time (Note 10)
tD(on)
3.6
ns
VDD= 30V, VGS= 10V
ID= 12A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 10)
tr
10.8
ns
Turn-Off Delay Time (Note 10)
tD(off)
11.9
ns
Turn-Off Fall Time (Note 10)
tf
8.7
ns
Notes:
8. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
9. For design aid only, not subject to production testing.
10. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - DMN6068SE_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6068SE-13 DIODES-DMN6068SE-13 Datasheet
642Kb / 9P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32033 Rev. 1 - 2
logo
VBsemi Electronics Co.,...
DMN6068SE-13 VBSEMI-DMN6068SE-13 Datasheet
1,010Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - DMN6068SE_11

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com