Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX118P Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX118P
Description  Duplex Frequency Inverter for Cordless Telephones
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX118P Datasheet(HTML) 7 Page - CML Microcircuits

  FX118P Datasheet HTML 1Page - CML Microcircuits FX118P Datasheet HTML 2Page - CML Microcircuits FX118P Datasheet HTML 3Page - CML Microcircuits FX118P Datasheet HTML 4Page - CML Microcircuits FX118P Datasheet HTML 5Page - CML Microcircuits FX118P Datasheet HTML 6Page - CML Microcircuits FX118P Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CML Product Data
In the process of creating a more global image, the three standard product semiconductor
companies of CML Microsystems Plc (Consumer Microcircuits Limited (UK), MX-COM, Inc
(USA) and CML Microcircuits (Singapore) Pte Ltd) have undergone name changes and, whilst
maintaining their separate new names (CML Microcircuits (UK) Ltd, CML Microcircuits (USA)
Inc and CML Microcircuits (Singapore) Pte Ltd), now operate under the single title CML Micro-
circuits.
These companies are all 100% owned operating companies of the CML Microsystems Plc
Group and these changes are purely changes of name and do not change any underlying legal
entities and hence will have no effect on any agreements or contacts currently in force.
CML Microcircuits Product Prefix Codes
Until the latter part of 1996, the differentiator between products manufactured and sold from
MXCOM, Inc. and Consumer Microcircuits Limited were denoted by the prefixes MX and FX
respectively. These products use the same silicon etc. and today still carry the same prefixes.
In the latter part of 1996, both companies adopted the common prefix: CMX.
This notification is relevant product information to which it is attached.
Company contact information is as below:
CML Microcircuits
(UK)Ltd
COMMUNICATION SEMICONDUCTORS
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
CML Microcircuits
(Singapore)PteLtd
COMMUNICATION SEMICONDUCTORS
CML Microcircuits
(USA) Inc.
COMMUNICATION SEMICONDUCTORS
Oval Park, Langford, Maldon,
Essex, CM9 6WG, England
Tel:
+44 (0)1621 875500
Fax: +44 (0)1621 875600
uk.sales@cmlmicro.com
www.cmlmicro.com
4800 Bethania Station Road,
Winston-Salem, NC 27105, USA
Tel:
+1 336 744 5050,
0800 638 5577
Fax: +1 336 744 5054
us.sales@cmlmicro.com
www.cmlmicro.com
No 2 Kallang Pudding Road, 09-05/
06 Mactech Industrial Building,
Singapore 349307
Tel:
+65 7450426
Fax: +65 7452917
sg.sales@cmlmicro.com
www.cmlmicro.com
D/CML (D)/1 February 2002


Similar Part No. - FX118P

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
FX1101 PERKINELMER-FX1101 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
FX1102 PERKINELMER-FX1102 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
logo
CML Microcircuits
FX1103 CMLMICRO-FX1103 Datasheet
216Kb / 4P
   LOW POWER CONSUMPTION
logo
PerkinElmer Optoelectro...
FX1103 PERKINELMER-FX1103 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
FX1104 PERKINELMER-FX1104 Datasheet
1Mb / 4P
   High Stability Short Arc Xenon Flashlamps
More results

Similar Description - FX118P

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
List of Unclassifed Man...
MX118P ETC1-MX118P Datasheet
362Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
   BASE-BAND LSI FOR CORDLESS TELEPHONES
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com