Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WDCDFN10 Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-WDCDFN10
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WDCDFN10 Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-WDCDFN10 Datasheet HTML 4Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 5Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 6Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 7Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 8Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 9Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 10Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 11Page - IC-Haus GmbH IC-WDCDFN10 Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 10/12
this internal resistance can determine the maximum
available output current (equation 4).
The EMI (electromagnetic interference) caused by the
coil should be taken into account. Toroidal core coils
have little noise radiation but are expensive and difficult
to install. Bar cores are reasonably priced and easy
to handle but emit higher radiation. Reasonably priced
RF chokes in the range of a few tens to a few hundreds
µH are suitable for modest EMI requirements.∗
Additional interference may be caused by decaying of
the voltage at VHL when the coil current drops to zero
(Fig. 6). Parasitic capacitances at VHL form an oscil-
lating circuit with the coil. This undesirable oscillating
circuit can be damped to an uncritical magnitude by
installing a resistor (> 10 kΩ) parallel to the coil.
The selection of the backup capacitor CVH is unprob-
lematic.
Due to the series regulators, the ripple of
the intermediate voltage VH does not affect the out-
put voltages VCC and VCCA. Therefore a low capac-
itance level without special demands on the internal
resistance is sufficient. A combination of electrolytic
and ceramic capacitor (e.g. 4.7 µF/100 nF) is recom-
mended. Tantalum capacitors are also possible when
they are allowed to operate at AC amplitudes like the
residual ripple of voltage VH.
The stability of the series regulators is guaranteed for
the entire load range when the values for CVCC and
CVCCA given in the electrical characteristics are se-
lected. The suppression of interference voltage is im-
proved by small capacitor series resistors. The combi-
nation of tantalum and ceramic capacitors is also rec-
ommended in this case. If one of the two outputs re-
mains open, its capacitor can be omitted.
To avoid feedback of interference from supply volt-
age VB onto output voltages VCC and VCCA, provide
blocking directly at pin VB. A combination of tantalum
and ceramic capacitors is also recommended in this
case (several µF/100 nF).
PRINTED CIRCUIT BOARD LAYOUT
The GND path from the switching regulator and from
each series regulator should be strictly separated to
avoid cross couplings. The neutral point of all GND
conductors is the GND connection at the iC-WD. It is
possible and not critical, however, to route the GND of
the supply VB and the base point of capacitor CVH to-
gether to the neutral point. The capacitor CVH should
be very close to the pin VH however. To keep down the
decay at the open end of the coil (pin VHL), the capac-
itance of this connection should be low, that means the
connection should be short.
The blocking capacitors of supply voltage VB are to be
placed as close as possible to pins VB and GND. The
capacitors for the outputs VCC and VCCA should be
placed directly by the load and not directly by the iC
to also block interferences which are coupled via the
wiring to the load. A ground plane should be cut out
underneath the wiring of CVCC and CVCCA. The printed
circuit conductor between VB, the shunt RVB, and VBR
should have a low impedance, since voltage drops in
the supply path change the effective size of the shunt
and reduce the maximum cut-off current.
The Thermal Pad (optional with the SO8) should be
connected to an appropriate copper area on the PCB.
It has proven to be advantageous to use thermal vias
directly underneath the iC to transfer the power dissi-
pation to a different layer, e.g. a ground plane.
e.g.: Siemens Matsushita B78108-S1224-J (220 µH/250 mA, axial leads), TDK series NLC565050T-. . . (SMD),
TOKO series 10RF459-. . . (SMD shielded)


Similar Part No. - IC-WDCDFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WESO16W ICHAUS-IC-WESO16W Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WESO20 ICHAUS-IC-WESO20 Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WETSSOP20 ICHAUS-IC-WETSSOP20 Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-WDCDFN10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
   SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
   Dual Output Regulated Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com