Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WDADFN10 Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-WDADFN10
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WDADFN10 Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-WDADFN10 Datasheet HTML 3Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 4Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 5Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 6Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 7Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 8Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 9Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 10Page - IC-Haus GmbH IC-WDADFN10 Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 7/12
5.5V
6.0V
6.5V
7.0V
7.5V
VH
125kHz
100kHz
75kHz
25kHz
0
typ.
50kHz
Figure 5: Oscillator Frequency
The following three operating states of the regulator
are described as a function of the supply voltage and
the load current:
Ioff
0
t
T = 1/f
VH
0
VB
r
t f
osz
Figure 6: Intermittent flow
SWITCHING REGULATOR: Intermittent flow
When charging and discharging operation are con-
cluded within a single clock pulse period (tr + tf < T )
and the coil current drops to zero, intermittent flow pre-
vails (Fig. 6). This is the case when the supply voltage
is sufficiently high or the load current sufficiently low.
The current-carrying capacity and power consumption
of the regulator can be easily specified for this operat-
ing mode. Since both the charging and the discharging
current flow in VH, the initial approximation of the mean
current-carrying capacity of VH is:
IL(VH) =
1
2
Ioff
tr + tf
T
(2)
T = 1/fosz : Period of internal oscillator (Fig. 5)
For load current IL at output VH, the iC-WD ad-
justs the cut-off current Ioff to the following value
(VB > VH + Vsat):
Ioff =
2 · IL(VH)
T
LVH
1
1
VB−Vsat −VH
+
1
VH+VD
(3)
Since only during the charging phase current is drawn
from supply voltage VB, the mean current consumption
is: (VB > VH + Vsat):
I(VB) = Ioff
tr
T
+ I0(VB)
(4)
I0(VB): current consumption without load at VCC,
VCCA (no-load operation)
SWITCHING REGULATOR: Continuous flow
If the inductor receives recharge with the next clock
signal before the coil current has run free, no gap is
created in the current. Such continuous flow (Fig. 7)
occurs when the supply voltage is too low or the load
current too high. Since the charging process begins at
various current levels not equal to zero, the timing and
the required cut-off current are difficult to express. In
general, fluctuations occur in the clock frequency at the
time constants of the charging and discharging phase,
which in turn depend on the of supply voltage and the
load current. Since no current gap occurs, the cut-off
current may be lower than during intermittent flow (at
the same load). The losses in the switching transis-
tor, in the free-wheeling diode and due to the internal
resistance of the inductor are consequently lower; the
efficiency of the regulator is thus higher. In addition, in-
terference due to the internal resistance of supply volt-
age source and standby capacitor CVH is lower. De-
pending on the model and quality of the coil, however,
the low frequent fluctuations may be audible.


Similar Part No. - IC-WDADFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WESO16W ICHAUS-IC-WESO16W Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WESO20 ICHAUS-IC-WESO20 Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WETSSOP20 ICHAUS-IC-WETSSOP20 Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-WDADFN10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
   SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
   Dual Output Regulated Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com