Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-HK Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-HK
Description  155MHz LASER SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HK Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-HK Datasheet HTML 5Page - IC-Haus GmbH IC-HK Datasheet HTML 6Page - IC-Haus GmbH IC-HK Datasheet HTML 7Page - IC-Haus GmbH IC-HK Datasheet HTML 8Page - IC-Haus GmbH IC-HK Datasheet HTML 9Page - IC-Haus GmbH IC-HK Datasheet HTML 10Page - IC-Haus GmbH IC-HK Datasheet HTML 11Page - IC-Haus GmbH IC-HK Datasheet HTML 12Page - IC-Haus GmbH IC-HK Datasheet HTML 13Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
iC-HK
155MHz LASER SWITCH
Rev 21.11.01, Page 10/13
Layout advise
iC-HK can be used in a wide range of applications from CW to over 150 MHz. Very fast switches have thus been
integrated, which have to be properly blocked to prevent ringing. A small blocking capacitor is therefore required
for iC-WK between pin 2 (CI) and 3 (AGND) and also at pin 4 (CI) of iC-HK (cf. Figure 19). Increasing capacitor
CLDA might also help to suppress ringing.
If the connection between the laser diode and iC-HK (LDK Pin 7) is loaded inductively, a small capacitor CLD in
parallel with the laser diode is recommended to suppress current spikes.
With higher pulse frequencies it is advisable to use separate grounds for iC-WK, iC-HK, capacitor C1 and
resistors Rkx respectively.
The connection between VCC and LDA (dashed line) is necessary for laser currents >70mA.
Device
Typical value
Comment
CVCC
100nF
Power supply blocking capacitor for iC-WK
CVDD
100nF
Power supply blocking capacitor for iC-HK
CLDA
1µF
Laser diode supply smoothing capacitor
CLD
2.2nF
Laser diode ESD protection, filtering with inductive loads; to be
mounted directly across the laser diode
CI
47nF..
Averaging capacitor for V(CI)-control by iC-WK
CM
MDA smoothing capacitor, has to be calculated
C1
22pF
CI smoothing capacitor (used with current limitation)
LED
V
fw <
V(VCC
WK) -
V(GND
WK) -1V
Load for iC-WK output stage; LED must be capable of 45mA; may be
replaced by a resistor or even jumpered
DGND
V
fw .V(CI) - 1.7V
Ground shift at iC-WK to increase V(CI)
RGND
0
S .. 100S
Ground shift at iC-WK to increase V(CI)
RM
200
S .. 50kS
Set point of monitor current (mean value)
RK1
0
S ..
Set point of current through channel 1
RK2
0
S ..
Set point of current through channel 2
RCI
1k
S
Decoupling of pin CI at iC-WK and iC-HK for laser current limitation


Similar Part No. - IC-HK

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HKB ICHAUS-IC-HKB Datasheet
322Kb / 8P
   155MHz LASER SWITCH
IC-HKBMSOP8 ICHAUS-IC-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
IC-HKBSO8 ICHAUS-IC-HKBSO8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
More results

Similar Description - IC-HK

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
   155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
   155MHz LASER SWITCH
HKBMSOP8 ROITHNER-HKBMSOP8 Datasheet
322Kb / 8P
   155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HBQFN24 ROITHNER-HBQFN24 Datasheet
1Mb / 8P
   TRIPLE 155MHz LASER SWITCH
logo
TAI-SAW TECHNOLOGY CO.,...
TA155E1 TAI-SAW-TA155E1 Datasheet
198Kb / 4P
   SAW Filter 155MHz
logo
IC-Haus GmbH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
   3A LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com