Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-VRV Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-VRV
Description  BIDIRECTIONAL 關P INTERFACE TO 24V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VRV Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-VRV Datasheet HTML 1Page - IC-Haus GmbH IC-VRV Datasheet HTML 2Page - IC-Haus GmbH IC-VRV Datasheet HTML 3Page - IC-Haus GmbH IC-VRV Datasheet HTML 4Page - IC-Haus GmbH IC-VRV Datasheet HTML 5Page - IC-Haus GmbH IC-VRV Datasheet HTML 6Page - IC-Haus GmbH IC-VRV Datasheet HTML 7Page - IC-Haus GmbH IC-VRV Datasheet HTML 8Page - IC-Haus GmbH IC-VRV Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
iC-VRV
BIDIRECTIONAL µP INTERFACE TO 24V
Rev A2, Page 2/12
DESCRIPTION
iC-VRV is an 8-fold low-side driver with integrated control logic which is divided internally into two mutually
independent blocks (nibbles).
In the input mode, ports IO0 to IO7 can be used to record logical levels. In this process, a programmable
pull-down current (200 µA or 2 mA) sets a defined level and functions as the biasing current for switching
contacts. The stages programmed as outputs can drive any desired loads (e. g. lamps, long cables, relays)
at a continuous current of 100 mA or 500 mA in pulse operation. The free-wheeling currents created upon
each stage turn-off are discharged through the integrated free-wheeling diodes to a voltage applied externally
to the COM pin; a circuit with a Zener diode is also possible.
In the event of a short circuit, a protective circuit breaker ensures that the output stage affected does not just
simply switch off but is instead clocked as a function of the load. As a result, the current assumes a low
average value. The output stage is ready for operation immediately just as soon as the cause of the short
circuit has been eliminated.
The shutdown at overtemperature protects the IC against thermal destruction by causing the output stages
to turn off and the pull-down currents to be reduced from 2 mA to 200 µA. This shutdown is also triggered in
case of undervoltage at VCC.
Due to the microprocessor interface the iC-VRV can be operated directly on a bus system. The interface
consists of the data bits D0 to D7 and the associated control signals A0, A1, CSN, WRN and RDN. The signal
CLK clocks the implemented digital input filter and BLFQ clocks the programmed flashing function. In the
event of a signal change of the I/O pins programmed as inputs, an interrupt signal can be generated at output
INTN.
Activating the input RESN resets the initial condition.
Chip programming is conducted via four addresses at A0 and A1. During this programming, presettings for
flashing frequencies, filtering times, interrupt control, pull-down currents and input/output mode, etc. are stored
in two registers (CONTROL WORD1+2).
All inputs and outputs are protected with diodes against destruction due to ESD.


Similar Part No. - IC-VRV

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
iC-VJEVALVJD ICHAUS-iC-VJEVALVJD Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
iC-VJSO16N ICHAUS-iC-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
IC-VJZ ICHAUS-IC-VJZ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
iC-VJZEVALVJD ICHAUS-iC-VJZEVALVJD Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
More results

Similar Description - IC-VRV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D24V0LA1B2LPQ DIODES-D24V0LA1B2LPQ Datasheet
443Kb / 5P
   24V BIDIRECTIONAL TVS DIODE
December 2021 Rev. 1 - 2
D24V0L1B2LPS DIODES-D24V0L1B2LPS Datasheet
267Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
D24V0L1B2LP DIODES-D24V0L1B2LP Datasheet
322Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
D24V0L1B2LPSQ DIODES-D24V0L1B2LPSQ Datasheet
213Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
logo
Maxim Integrated Produc...
MAX6314 MAXIM-MAX6314 Datasheet
114Kb / 8P
   68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
logo
Diodes Incorporated
DESD24VF1BLP3 DIODES-DESD24VF1BLP3 Datasheet
415Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 3 - 2
DESD24VF1BLQ DIODES-DESD24VF1BLQ Datasheet
344Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
July 2020 Rev. 2 - 2
logo
Fujitsu Component Limit...
FTP-622 FUJITSU-FTP-622 Datasheet
69Kb / 8P
   24V DRIVE INTERFACE BOARD (PARALLEL)
logo
Diodes Incorporated
DESD24VF1BL DIODES-DESD24VF1BL Datasheet
430Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 2 - 2
logo
Cystech Electonics Corp...
MTP304N3 CYSTEKEC-MTP304N3 Datasheet
314Kb / 8P
   -24V P-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com