Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-VJ Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-VJ
Description  LASER DIODE CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VJ Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-VJ Datasheet HTML 1Page - IC-Haus GmbH IC-VJ Datasheet HTML 2Page - IC-Haus GmbH IC-VJ Datasheet HTML 3Page - IC-Haus GmbH IC-VJ Datasheet HTML 4Page - IC-Haus GmbH IC-VJ Datasheet HTML 5Page - IC-Haus GmbH IC-VJ Datasheet HTML 6Page - IC-Haus GmbH IC-VJ Datasheet HTML 7Page - IC-Haus GmbH IC-VJ Datasheet HTML 8Page - IC-Haus GmbH IC-VJ Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
iC-VJ, iC-VJZ
LASER DIODE CONTROLLER
Rev A1, Page 1/10
FEATURES
o Laser diode driver of up to 250 mA
o Averaging control of laser power
o Protective functions to prevent destruction of laser diode
o Laser-current monitor with current or voltage output
o Integrated RC oscillator up to 4 MHz
o Integrated 16:1 divider for pulse generation in the kHz range
o Stable 1:1 pulse duty ratio
o Simple adjustment of the laser power via external resistor
o Soft-start at power-on
o Complementary pulse repetition frequency output for ECL level
o Shutdown in case of overtemperature
o Single 5 V power supply
o Very few external components
o iC-VJ for laser diodes with 50 to 500 µA monitor current
o iC-VJZ for laser diodes with 0.15 to 1.5 mA monitor current
APPLICATIONS
o Transmitter for laser light barri-
ers from 1 to 200 kHz
PACKAGES
SO16N
BLOCK DIAGRAM
DC−Monitor
5V
Sync
6
5
3
2
4
7
1
Q
NQ
NQ
OUTPUT
MONITOR
REFERENCE
DIVIDER
TH−SHUTDOWN
POWER ON
OSCILLATOR
DRIVER
16:1
R1
800
C1
100pF
RSET
10k
R3
10k
C2
100nF..470nF
C3
100nF
C4
100
µF
AGND
AMD
CI
usable LD models
MD LD
iC−VJ/VJZ
3
2
1
1:1 iC−VJ
1:3 iC−VJZ
14
15
13
MO
MI
4
VCC
12
ISET
11
7
9
KLD
GND
R
RC
6
5
PRF
NPRF
Copyright © 2006 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-VJ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VP ICHAUS-IC-VP Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP ICHAUS-IC-VP Datasheet
256Kb / 6P
   PHOTO SWITCH
IC-VP-BLCC ICHAUS-IC-VP-BLCC Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-BMST ICHAUS-IC-VP-BMST Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-TO18-4F ICHAUS-IC-VP-TO18-4F Datasheet
127Kb / 5P
   PHOTOSWITCH
More results

Similar Description - IC-VJ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
Mitsubishi Electric Sem...
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
   LASER-DIODE DRIVER/CONTROLLER
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
   Laser Diode Driver/Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
   Laser Diode Adaptive Power Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com