Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7170M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA7170M
Description  RF Modulator for UHF Band (Supports SECAM)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7170M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA7170M Datasheet HTML 1Page - Sanyo Semicon Device LA7170M Datasheet HTML 2Page - Sanyo Semicon Device LA7170M Datasheet HTML 3Page - Sanyo Semicon Device LA7170M Datasheet HTML 4Page - Sanyo Semicon Device LA7170M Datasheet HTML 5Page - Sanyo Semicon Device LA7170M Datasheet HTML 6Page - Sanyo Semicon Device LA7170M Datasheet HTML 7Page - Sanyo Semicon Device LA7170M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pin No.
Symbol
Pin Voltage
Pin Description
Equivalent Circuit
5.0
VCC for baseband circuits
1
VCC1
No. 5675-3/8
LA7170M
Pin Functions
3.9
Connect tank circuits between these pins and the
REG pin.
2
3
TANK1
TANK2
3.9
Regulator output
4
REG
0
FM sound input
5
FM AUDIO IN
0
AM sound input
6
AM AUDIO IN
0
Ground for baseband circuits
7
GND1
3.0
Picture input. Clamp at SYNC tip.
8
VIDEO IN
2.6
(open)
Ground this pin through a 500-kHz oscillator.
Open : TSG ON
GND : TSG OFF
9
RES
Continued on next page.


Similar Part No. - LA7170M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
   VIDEO AND AUDIO SIGNAL-PROCESSING IC
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
   Video and Audio Signal-Processing IC
More results

Similar Description - LA7170M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2259 NJRC-NJM2259 Datasheet
129Kb / 7P
   RF Modulator for UHF Band
logo
Sanyo Semicon Device
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
logo
Sony Corporation
CXA1733N SONY-CXA1733N Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA3219M SONY-CXA3219M Datasheet
205Kb / 15P
   UHF-Band RF Modulator for VCR
CXA1733M SONY-CXA1733M Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
logo
Toshiba Semiconductor
TA1326FNG TOSHIBA-TA1326FNG Datasheet
920Kb / 17P
   UHF BAND RF MODULATOR IC FOR VTRS
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054Z SANYO-LA7054Z Datasheet
70Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use
LA7058R SANYO-LA7058R Datasheet
64Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com