Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-TL33 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-TL33
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TL33 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-TL33 Datasheet HTML 1Page - IC-Haus GmbH IC-TL33 Datasheet HTML 2Page - IC-Haus GmbH IC-TL33 Datasheet HTML 3Page - IC-Haus GmbH IC-TL33 Datasheet HTML 4Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
iC-TL33 TO46-2L1
Infrared LED
Rev B1, Page 2/4
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur (Ta = 25°C, unless otherwise noted)
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 IF
Forward current (DC)
50
mA
G002 IFM
Peak forward current
tp ≤ 50µs, tp/T=0,5
100
mA
G003 IFSM
Surge forward current
tp ≤ 10µs
1000
mA
G004 VR
Reverse voltage
5
V
G005 P
Power dissipation
temperature dependence see figure 1
150
mW
G006 Tj
Junction temperature
-40
125
°C
THERMAL DATA
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
-40
125
°C
T02
Ts
Storage Temperature Range
-40
125
°C
T03
Tpk
Soldering Temperature
tpk < 5 s, 3 mm from case
260
°C
T04
Rthja
Thermal Resistance Junction To
Ambient
350
K/W
ELECTRICAL CHARACTERISTICS
Tamb = 25°C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Electrical and Optical Characteristics
002
VF
Forward voltage
IF = 20 mA
1.75
2.0
003
VR
Reverse voltage
IR = 100 µA
5
V
005
Φe
Radiant power
IF = 20 mA
0.3
0.5
mW
006
TK(Φe)
Temperature coefficient of radiant
power
IF = 5 mA, Tamb = 25°C...125°C
-0.4
%/K
007
λ p
Peak wavelength
IF = 20 mA
730
740
750
nm
008
∆λ
Spectral half width
IF = 20 mA
26
nm
009
Viewing angle
IF = 20 mA
4
deg.
010
tr, tf
Switching time
IF = 20 mA
50
ns


Similar Part No. - IC-TL33

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TL46 ICHAUS-IC-TL46 Datasheet
834Kb / 7P
   Blue LED - SMD
IC-TL6 ICHAUS-IC-TL6 Datasheet
390Kb / 6P
   Point Source LED
IC-TL85 ICHAUS-IC-TL85 Datasheet
82Kb / 4P
   Infrared LED
IC-TL85 ICHAUS-IC-TL85 Datasheet
109Kb / 4P
   Infrared LED
IC-TL85 ICHAUS-IC-TL85 Datasheet
134Kb / 4P
   Infrared LED
More results

Similar Description - IC-TL33

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com