Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PT3325OQFN32-5X5 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-PT3325OQFN32-5X5
Description  6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PT3325OQFN32-5X5 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-PT3325OQFN32-5X5 Datasheet HTML 1Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 2Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 3Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 4Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 5Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 6Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 7Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 8Page - IC-Haus GmbH IC-PT3325OQFN32-5X5 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
preliminary
preliminary
iC-PT 3325
6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
Rev A4, Page 2/10
DESCRIPTION
iC-PT 3325 is an optical sensor IC with integrated
photosensors whose signals are converted into volt-
ages by low-noise transimpedance amplifiers. Pre-
cise voltage comparators with hysteresis are used to
generate the digital signals, supplied to the output
pins via differential +/- 4 mA push-pull drivers.
The built-in LED power control with its 40 mA driver
stage permits a direct connection of the encoder
LED. Regardless of aging or changes in temperature
the received optical power is kept constant. An exter-
nal resistor presets the photocurrent operating point
and thus the desired illumination level.
Selection input SEL chooses for three different op-
erating modes: regular A/B operation, A/B operation
with 2-fold interpolation, or analog operation. With
analog operation the amplified signal voltages are
available at the outputs for inspection and monitoring
encoder assembly.
Typical applications of iC-PT devices are incremental
encoders for motor feedback and commutation. To
this end, device version iC-PT 3325 provides differ-
ential A/B tracks and a differential index track, each
consisting of multiple photo sensors. The layout of
the signal amplifiers is such that there is an excellent
paired channel matching, eliminating the needs for
signal calibration in most cases.
Additionally, three more tracks are provided to gener-
ate motor commutation information for the U, V and
W outputs, for instance with 90 degree phase shift to
operate 4-phase brushless motors (period count and
phase shift can be varied by the code disc applied).


Similar Part No. - IC-PT3325OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3320 ICHAUS-IC-PT3320 Datasheet
639Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
IC-PT3320OQFN32-5X5 ICHAUS-IC-PT3320OQFN32-5X5 Datasheet
639Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3324OQFN32-5X5 ICHAUS-IC-PT3324OQFN32-5X5 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
More results

Similar Description - IC-PT3325OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3320 ICHAUS-IC-PT3320 Datasheet
639Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3310 ICHAUS-IC-PT3310 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
IC-PT3313 ICHAUS-IC-PT3313 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
IC-PTH ICHAUS-IC-PTH Datasheet
1Mb / 14P
   6-CH. PHASED ARRAY OPTO ENCODERS
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com