Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PT3313 Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-PT3313
Description  6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PT3313 Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-PT3313 Datasheet HTML 3Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 4Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 5Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 6Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 7Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 8Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 9Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 10Page - IC-Haus GmbH IC-PT3313 Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
preliminary
preliminary
iC-PT 3313
6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
Rev A7, Page 7/12
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 3.5...5.5 V, Tj = -40...125 °C, λLED = λr = 740 nm, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Comparators
401
Vt()hi
Upper Comparator Threshold
Iph()p x Z()p > Iph()n x Z()n,
5
12
25
mV
resp. Iph()p x Z()p > internal VREF
402
Vt()lo
Lower Comparator Threshold
Iph()p x Z()p < Iph()n x Z()n,
5
12
25
mV
resp. Iph()p x Z()p < internal VREF
403
Vt()hys
Comparator Hysteresis
Vt()hys = Vt()hi - Vt()lo
10
24
50
mV
LED Current Controller
501
Iop()
Permissible LED Output Current
-40
0
mA
502
Vs()hi
Saturation Voltage hi
Vs()hi = VCC - V(LED); I() = -40 mA
0.25
0.5
1
V
503
Isc()hi
Short-Circuit Current hi
V() = 0 V
-150
-50
mA
Digital Outputs PA, NA, PB, NB, PZ, NZ, U, V, W
601
Vs()lo
Saturation Voltage lo
VCC = 4.5...5.5 V, I() = 4mA, Tj = 70 °C
0.4
V
602
Vs()lo
Saturation Voltage lo
VCC = 4.5...5.5 V, I() = 4mA, Tj = 85 °C
0.5
V
603
Vs()lo
Saturation Voltage lo
VCC = 3.5...4.5 V, I() = 4mA
0.6
V
604
Isc()lo
Short-Circuit Current lo
V() = VCC
7
70
mA
605
Vs()hi
Saturation Voltage hi
Vs()hi = VCC - V(), I() = -4 mA;
VCC = 4.5...5.5 V
0.4
V
606
Vs()hi
Saturation Voltage hi
Vs()hi = VCC - V(), I() = -4 mA;
VCC = 3.5...4.5 V
0.6
V
607
Isc()hi
Short-Circuit Current hi
V() = 0 V
-70
-7
mA
Selection Input SEL
701
Vt1()hi
Upper Threshold Voltage hi
for A/B mode with x2 interpolation
78
80
82
%VCC
702
Vt1()lo
Upper Threshold Voltage lo
for A/B mode with x2 interpolation
68
70
72
%VCC
703
Vt1()hys
Upper Threshold Hysteresis
Vt1()hys = Vt1()hi - Vt1()lo
8
10
12
%VCC
704
Vt2()hi
Lower Threshold Voltage hi
for A/B mode
28
30
32
%VCC
705
Vt2()lo
Lower Threshold Voltage lo
for A/B mode
18
20
22
%VCC
706
Vt2()hys
Lower Threshold Hysteresis
Vt2()hys = Vt2()hi - Vt2()lo
8
10
12
%VCC
707
V0()
Pin-Open Voltage
for analog mode
45
50
55
%VCC
708
Rpd()
Pull-Down Resistor
SEL to GND, V(SEL) = VCC
70
100
140
kΩ
709
Rpu()
Pull-Up Resistor
VCC to SEL, V(SEL) = 0 V
70
100
140
kΩ
710
Vpd()
Pull-Down Voltage vs. VCC/2
Vpd() = V() - VCC/2; I() = 0...5 µA
0.5
V
711
Vpu()
Pull-Up Voltage vs. VCC/2
Vpu() = V() - VCC/2; I() = -5...0 µA
-0.5
V
Test Circuit Inputs TIP, TIN
801
I()test
Permissible Test Current Range
test mode active
10
600
µA
802
V()test
Test Pin Voltage
test mode active, I() = 200 µA
1.25
1.5
1.75
V
803
Ipd()
Test Pin Pull-Down Current
test mode not active, V() = 0.4 V
60
100
160
µA
804
Ipd()
Test Pin Pull-Down Current
V() = VCC
0.7
2
3
mA
805
It()on
Test Mode Activation Threshold
80
130
190
µA
806
CR()
Test Mode Current Ratio I()/Iph() test mode active, I() = 200 µA
1500
3000
5000
Power-On-Reset Circuit
901
VCCon
Turn-on Threshold VCC
(power-on release)
increasing voltage at VCC
2.6
3.45
V
902
VCCoff
Turn-off Threshold VCC
(power-down reset)
decreasing voltage at VCC
1.4
2.4
V
903
VCChys
Threshold Hysteresis
VCChys = VCCon - VCCoff
50
170
300
mV


Similar Part No. - IC-PT3313

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3310 ICHAUS-IC-PT3310 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
IC-PT3310OQFN32-5X5 ICHAUS-IC-PT3310OQFN32-5X5 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
More results

Similar Description - IC-PT3313

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3320 ICHAUS-IC-PT3320 Datasheet
639Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3310 ICHAUS-IC-PT3310 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
IC-PTH ICHAUS-IC-PTH Datasheet
1Mb / 14P
   6-CH. PHASED ARRAY OPTO ENCODERS
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com