Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PN2656CHIP Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-PN2656CHIP
Description  PHASED ARRAY NONIUS ENCODER 26-256
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PN2656CHIP Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-PN2656CHIP Datasheet HTML 1Page - IC-Haus GmbH IC-PN2656CHIP Datasheet HTML 2Page - IC-Haus GmbH IC-PN2656CHIP Datasheet HTML 3Page - IC-Haus GmbH IC-PN2656CHIP Datasheet HTML 4Page - IC-Haus GmbH IC-PN2656CHIP Datasheet HTML 5Page - IC-Haus GmbH IC-PN2656CHIP Datasheet HTML 6Page - IC-Haus GmbH IC-PN2656CHIP Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
preliminary
preliminary
iC-PN2656
PHASED ARRAY NONIUS ENCODER 26-256
Rev A4, Page 5/7
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4.5...5.5 V, Tj = -40..125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
5.5
V
002
I(VCC)
Supply Current
no load, photocurrents within op. range
9.5
15
mA
003
Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
004
Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
Photosensors
101
λ ar
Spectral Application Range
Se(λ ar) = 0.25 x S(λ )max
400
950
nm
102
λ pk
Peak Sensitivity Wavelength
680
nm
103
Aph()
Radiant Sensitive Area
0.8 mm x 0.33 mm (each sensor)
0.264
mm2
104
S(λ )
Spectral Sensitivity
λ LED = 740 nm
0.5
A/W
105
S(λ pk)max Maximum Spectral Sensitivity
λ LED = λ pk
0.55
A/W
106
E()mxr
Permissible Irradiance
λ LED = 740 nm, Vout() not saturated
0.18
0.37
0.78
mW/
cm2
107
E()mxpk
Permissible Irradiance
λ LED = λ pk, Vout() not saturated
0.16
0.34
0.71
mW/
cm2
Photocurrent Amplifiers
201
Iph()
Permissible Photocurrent Operat-
ing Range
0
280
nA
202
η ()r
Photo Sensitivity
(light-to-voltage conversion ratio)
λ LED = 740 nm
1.12
2.0
3.28
V/µW
203
Z()
Equivalent Transimpedance Gain Z = Vout() / Iph()
2.69
4.0
5.46
MΩ
204
TCz
Temperature Coefficient of Tran-
simpedance Gain
-0.12
%/°C
209
Z()pn
Transimpedance Gain Matching
P vs. N path per diff. channel
-0.2
0.2
%
210
Vout()pn Output Signal Matching
P vs. N path per diff. channel,
illumination to E()mxr
-6
6
mV
211
Vout()pn Dark Signal Matching
P vs. N path per diff. channel
-2.5
2.5
mV
212
fc()hi
Cut-off Frequency (-3 dB)
220
310
465
kHz
213
VNoise()
RMS Output Noise
illuminated to 500 mV signal level above dark
level, 500 kHz band width
0.5
mV
Signal Outputs
301
Vout()mx
Maximum Output Voltage
illumination to E()mxr
2.45
2.72
3.02
V
302
Vout()d
Dark Signal Level
load 20 kΩ vs. +2 V, no illumination
640
770
985
mV
303
Vout()acmx Maximum Signal Level
Vout()acmx = Vout()mx - Vout()d
1.48
1.96
2.35
V
304
Isc()hi
Short-Circuit Current hi
load current to ground
200
540
800
µA
305
Isc()lo
Short-Circuit Current lo
load current to IC
250
425
600
µA
306
Ri()
Internal Output Resistance
f = 1 kHz
70
110
180
Reference Voltage VREF
401
VREF
Reference Voltage
I(VREF) = 0...-1.6 mA
640
770
985
mV


Similar Part No. - IC-PN2656CHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
More results

Similar Description - IC-PN2656CHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN ICHAUS-IC-PN Datasheet
719Kb / 11P
   PHASED ARRAY NONIUS ENCODERS
IC-PNH ICHAUS-IC-PNH Datasheet
483Kb / 10P
   PHASED ARRAY NONIUS ENCODERS
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com