Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PN2624CHIP Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-PN2624CHIP
Description  PHASED ARRAY NONIUS ENCODER 26-1024
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PN2624CHIP Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-PN2624CHIP Datasheet HTML 1Page - IC-Haus GmbH IC-PN2624CHIP Datasheet HTML 2Page - IC-Haus GmbH IC-PN2624CHIP Datasheet HTML 3Page - IC-Haus GmbH IC-PN2624CHIP Datasheet HTML 4Page - IC-Haus GmbH IC-PN2624CHIP Datasheet HTML 5Page - IC-Haus GmbH IC-PN2624CHIP Datasheet HTML 6Page - IC-Haus GmbH IC-PN2624CHIP Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
preliminary
preliminary
iC-PN2624
PHASED ARRAY NONIUS ENCODER 26-1024
Rev B1, Page 2/7
DESCRIPTION
The optical encoder iC-PN2624 features monolithi-
cally integrated photosensors arranged in a phased-
array.
A high transimpedance gain of typically 4 MΩ gener-
ates output signals of a few hundret Millivolts already
from illumination levels of 1 to 3 mW/cm2. In most
cases no additional measures must be considered to
filter for noise and interferences.
Analog nonius encoders are the typical applica-
tion for iC-PN2624.
Its 3-track scanning features
a phased-array of multiple photosensors each per
track, generating positive and negative going sine
signals, as well as positive and negative going cosine
signals. An excellent matching and common mode
behavior of the differential signal paths is obtained
by a paired amplifier design, reducing the needs for
external signal calibration to an absolute minimum.
The spectral sensitivity range includes visible to near
infrared light, with the maximum sensitivity being
close to a wavelength of 680 nm. An output voltage
of approximately 1 V is typical under low light condi-
tions, for instance when iC-PN2624 is illuminated at
only 1.5 mW/cm2 by an 740 nm LED.
PACKAGES INFORMATION
PAD LAYOUT (2.88 mm x 3.37 mm)
PAD FUNCTIONS
No. Name Function
1 VCC
+4.5..5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PS_N N-Track Sine +
4 NS_N N-Track Sine -
5 PS_M M-Track Sine +
6 NS_M M-Track Sine -
7 PS_S S-Track Sine +
8 NS_S S-Track Sine -
9 NC_S S-Track Cosine -
10 PC_S S-Track Cosine +
11 NC_M M-Track Cosine -
12 PC_M M-Track Cosine +
13 NC_N N-Track Cosine -
14 PC_N N-Track Cosine +
15 GND
Ground
All outputs are analog voltage outputs.


Similar Part No. - IC-PN2624CHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
More results

Similar Description - IC-PN2624CHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN ICHAUS-IC-PN Datasheet
719Kb / 11P
   PHASED ARRAY NONIUS ENCODERS
IC-PNH ICHAUS-IC-PNH Datasheet
483Kb / 10P
   PHASED ARRAY NONIUS ENCODERS
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com