Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX624 Datasheet(PDF) 9 Page - CML Microcircuits

Part # CMX624
Description  V.23 / Bell 202 Modem
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX624 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button CMX624 Datasheet HTML 5Page - CML Microcircuits CMX624 Datasheet HTML 6Page - CML Microcircuits CMX624 Datasheet HTML 7Page - CML Microcircuits CMX624 Datasheet HTML 8Page - CML Microcircuits CMX624 Datasheet HTML 9Page - CML Microcircuits CMX624 Datasheet HTML 10Page - CML Microcircuits CMX624 Datasheet HTML 11Page - CML Microcircuits CMX624 Datasheet HTML 12Page - CML Microcircuits CMX624 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
V23 / Bell 202 Modem
CMX624
 2003 CML Microsystems Plc
9
D/624/7
Bell 202 mode (bit 7 of SETUP register = ‘1’):
FSK MODE Reg
FSK / DTMF Modulator block output
FSK Signal Frequency
Bit 1
Bit 0
(Bit 7 of TX TONES = ‘0’)
‘0’ (Space)
‘1’ (Mark)
0
x
Disabled (o/p held at VDD / 2)
-
-
1
0
150bps FSK
487Hz
387Hz
1
1
1200bps FSK
2200Hz
1200Hz
When bit 7 of the TX TONES Register is set to ‘1’, the block generates DTMF tone pairs or single tones
from the DTMF range as shown in the table below. Bit 6 of the TX TONES Register is then used to enable
or disable the block’s output to the Tx filter.
TX DATA Register Bits
0 - 3
DTMF Tone Pairs
(TX TONES Register Bit 4 = ‘0’)
Single Tone
(Bit 4 = ‘1’)
D3
D2
D1
D0
Lower
Frequency (Hz)
Upper
Frequency (Hz)
Keypad
Legend
Single Tone
Frequency (Hz)
0
0
0
0
941
1633
D
1633
0
0
0
1
697
1209
1
1209
0
0
1
0
697
1336
2
1336
0
0
1
1
697
1477
3
1477
0
1
0
0
770
1209
4
1209
0
1
0
1
770
1336
5
1336
0
1
1
0
770
1477
6
1477
0
1
1
1
852
1209
7
1209
1
0
0
0
852
1336
8
852
1
0
0
1
852
1477
9
852
1
0
1
0
941
1336
0
941
1
0
1
1
941
1209
*
941
1
1
0
0
941
1477
#
941
1
1
0
1
697
1633
A
697
1
1
1
0
770
1633
B
770
1
1
1
1
852
1633
C
852
1.5.7
Transmit Filter
This stage attenuates out of band signals present at the output of the FSK/DTMF modulator and also
includes a programmable 3dB level switch, selected by bit 2 of the FSK MODE Register.
The nominal output levels at the TOP pin when VDD = 5.0V are as shown below.
FSK MODE
Register bit 2
FSK Signal
DTMF Tone
(Low group)
DTMF Tone
(High group)
0 (low level)
-6dB
-5dB
-3dB
1 (high level)
-3dB
-2dB
0dB
0dB = 775mVrms
These levels are proportional to VDD, and the actual transmit signal levels present on the 2- or 4-wire line
will depend on the external circuitry as described in Section 1.6.1.
Using the external components
recommended in Section 1.6.1 for a nominal FSK transmit level of -9dBm, DTMF tone levels of -8dBm and
-6dBm, then the out of band energy sent to the line will be within the limits shown in Figure 5 for both FSK
and DTMF signals.


Similar Part No. - CMX624

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX625 CMLMICRO-CMX625 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625D5 CMLMICRO-CMX625D5 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625P4 CMLMICRO-CMX625P4 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
More results

Similar Description - CMX624

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
   V.21/V.23 TELEMETER MODEM
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com