Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-OD Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-OD
Description  OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OD Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-OD Datasheet HTML 1Page - IC-Haus GmbH IC-OD Datasheet HTML 2Page - IC-Haus GmbH IC-OD Datasheet HTML 3Page - IC-Haus GmbH IC-OD Datasheet HTML 4Page - IC-Haus GmbH IC-OD Datasheet HTML 5Page - IC-Haus GmbH IC-OD Datasheet HTML 6Page - IC-Haus GmbH IC-OD Datasheet HTML 7Page - IC-Haus GmbH IC-OD Datasheet HTML 8Page - IC-Haus GmbH IC-OD Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 7/9
TYPICAL CHARACTERISTICS
0
0
+1.25
−1.25
[mm]
IAC1
IAC2
1.0
0.5
position on PSD
Figure 1: Example for position sensing characteris-
tics
External filter (RG850) improves the suppression of
ambient light by a factor of ca. 20 to 30.
400
10
20
30
40
50
60
70
80
90
100
600
800
1000 nm
%
ext.
Filter
Figure 2: Relative spectral sensitivity
APPLICATIONS INFORMATION
CH1
CH2
CH1 0.5V/DIV
TIME 2US/DIV
CH2 0.5V/DIV
iC−OD/L OUTPUT
RL1= 10k, RL2= 10k
CH1 − CH2
CH1−CH2= 0V
CH1, CH2= 0V
Figure 3: The light spot impinges to the left
CH1
CH2
CH1 0.5V/DIV
TIME 2US/DIV
CH2 0.5V/DIV
iC−OD/L OUTPUT
RL1= 10k, RL2= 10k
CH1 − CH2
CH1−CH2= 0V
CH1, CH2= 0V
Figure 4: The light spot impinges in the center
CH2
CH1
CH1 0.5V/DIV
TIME 2US/DIV
CH2 0.5V/DIV
iC−OD/L OUTPUT
RL1= 10k, RL2= 10k
CH1 − CH2
CH1−CH2= 0V
CH1, CH2= 0V
Figure 5: The light spot impinges to the right
Examples of output signals
The oscilloscope pictures show the signal patterns at
iC-OD outputs IAC1 and IAC2 when receiving a 5 µs
light pulse. The differential signal shown has been cal-
culated.
Both of the outputs are terminated with 10 kΩ. An ex-
ternal filter is not used.


Similar Part No. - IC-OD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
More results

Similar Description - IC-OD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
   Position Sensitive Detector with Location Hole (PSD *)
logo
List of Unclassifed Man...
PSD6407 ETC-PSD6407 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
   Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
   Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
   Position Sensitive Diodes
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
   Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
   Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
   Position Sensitive Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com