Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX602A Datasheet(PDF) 4 Page - CML Microcircuits

Part # CMX602A
Description  Calling Line Identifier plus Call Waiting (Type II)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX602A Datasheet(HTML) 4 Page - CML Microcircuits

  CMX602A Datasheet HTML 1Page - CML Microcircuits CMX602A Datasheet HTML 2Page - CML Microcircuits CMX602A Datasheet HTML 3Page - CML Microcircuits CMX602A Datasheet HTML 4Page - CML Microcircuits CMX602A Datasheet HTML 5Page - CML Microcircuits CMX602A Datasheet HTML 6Page - CML Microcircuits CMX602A Datasheet HTML 7Page - CML Microcircuits CMX602A Datasheet HTML 8Page - CML Microcircuits CMX602A Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Calling Line Identifier
CMX602A
© 1998 Consumer Microcircuits Limited
4
D/602A/4
1.3
Signal List
Packages
D4 / P3
Signal
Description
Pin No.
Name
Type
1
XTALN
O/P
The output of the on-chip Xtal oscillator inverter.
2
XTAL
I/P
The input to the on-chip Xtal oscillator inverter.
3
RD
I/P (S)
Input to the Ring or Line Polarity Reversal
Detector.
4
RT
BI
Open-drain output and Schmitt trigger input
forming part of the Ring or Line Polarity Reversal
detector. An external resistor to VDD and a
capacitor to VSS should be connected to RT to
filter and extend the RD input signal.
5
AOP
BI
The output of the on-chip Input Signal Amplifier
and the input to the Bandpass Filter.
6
INV
I/P
The inverting input to the on-chip Input Signal
Amplifier.
7
NINV
I/P
The non-inverting input to the on-chip Input
Signal Amplifier.
8
VSS
Power
Negative supply rail (signal ground).
9
VBIAS
O/P
Internally generated bias voltage, held at VDD/2
when the device is not in 'Zero-Power' mode.
Should be decoupled to VSS by a capacitor
mounted close to the device pins.
10
MODE
I/P (S)
Input used to select the operating mode. See
section 1.5.1.
11
ZP
I/P (S)
A high level on this input selects 'Zero-Power'
mode, a low level enables the VBIAS supply, the
Input Signal Amplifier, the Bandpass Filter and
either the FSK or the Tone Alert circuits
depending on the MODE input.


Similar Part No. - CMX602A

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX602B CMLMICRO-CMX602B Datasheet
704Kb / 23P
   CLI and CIDCW System Operation
More results

Similar Description - CMX602A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
FX602 CMLMICRO-FX602 Datasheet
822Kb / 29P
   CALLING LINE IDENTIFIER
logo
Winbond
W91030B WINBOND-W91030B Datasheet
306Kb / 31P
   CALLING LINE IDENTIFIER
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com