Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NZPQFN24 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-NZPQFN24
Description  P-TYPE LASER DIODE DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NZPQFN24 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-NZPQFN24 Datasheet HTML 1Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 2Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 3Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 4Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 5Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 6Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 7Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 8Page - IC-Haus GmbH IC-NZPQFN24 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
prel
imin
ary
prel
imin
ary
iC-NZP
P-TYPE LASER DIODE DRIVER
Rev A1, Page 4/13
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3...5.5 V, VSY = 0 V...VDD, Tj = -20...85 °C, NSLP = hi, NCID = hi; unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage
3
5.5
V
002
VSY
Permissible Supply Voltage at
VSY
VSY ≤ VDD
3
5.5
V
003
Ioff(VDD)
Supply Current in VDD
NSLP = lo, all other input pins set to lo
5
50
µA
004
Idc(VDD)
Supply Current in VDD
RSI ≥ 680 Ω
10
15
mA
005
I(VSY)
Supply Current in VSY
SYN pin open
10
µA
006
Toff
Thermal Shutdown Threshold
130
196
°C
007
VDDon
Power-On Threshold
1.7
2.8
V
008
Vc()hi
Clamp Voltage hi at RSI, TTL,
REGE, MD, CI, LDA, VDDA,
VDDL, NSLP, IMON, NCID, AVG
I() = 0.1 mA, other pins open, VDD = 0
0.3
1.5
V
009
Vc(SYN)hi Clamp Voltage hi to VSY
I() = 1 mA, other pins open, VSY = 0
0.3
1.5
V
010
Vc()lo
Clamp Voltage lo at VDD, AVG,
MD, IMON, NCID, EP, EN, TTL,
VSY, SYN, RVDD, VDDL, VDDA,
CI, LDA, RSI, REGE, NSLP,
NERR
I() = 1 mA, other pins open
-1.5
-0.65
-0.3
V
011
Vc(VSY)hi Clamp Voltage hi at VSY
I() = 1 mA, other pins open, VDD = 0
6
V
Current Monitor RSI, LDA
101
V(RSI)
Voltage at RSI
420
500
580
mV
102
RSI
Permissible Resistor at RSI
VDD = 3...3.5 V
2.5
9
kΩ
VDD = 4.5...5.5 V
0.68
9
kΩ
103
V(VDDA)
VDDA Voltage Monitor Threshold VDD − V(VDDA), V(RSI) = VDD
400
500
620
mV
104
Ierr(VDDA) Maximum current from VDDA
without error signalling
V(RSI) = VDD;
VDD = 4.5...5.5 V
400
980
mA
VDD = 3...3.5 V
270
820
mA
105
Cmin()
Minimum capacitor required at
VDDA
100
nF
106
rIVDDA
Current Ratio
I(VDDA)max / I(RSI)
V(VDDA) = 0 V;
VDD = 3...5.5 V
460
630
107
rILDA
Current Ratio I(LDA)max / I(RSI)
V(REGE) = V(TTL) = V(EP) = VDD,
V(LDA) = 0 V, V(MD) = 0;
VDD = 3...5.5 V
530
940
108
i(LDA)
Maximum limited current
RSI = 680 Ω, VDD = 5.5 V
630
mA
109
Rdis()
Discharge Resistor at VDDA
NSLP = lo, V(VDDA) = VDD
1
20
kΩ
Reference
201
V(MD)
Reference Voltage
V(MD) − V(RGND),
V(RVDD) − V(MD) for P-type LD,
closed control loop
210
250
310
mV
202
dV(MD)
Temperature Drift of Voltage at
MD
closed control loop
120
µV/°C
203
V(MD)
Precharge Reference Voltage
V(RVDD) − V(MD);
V(EP) = 0, V(AVG) = 0, P-type MD
230
280
360
mV
Digital Inputs/Outputs
301
Vin()
Input Voltage Range at EP, EN
TTL = lo, VDD = 3.0...5.5 V
0.6
VDD −
1.4
V
302
Vd()
Input Differential Voltage at EP,
EN
TTL = lo, Vd() = |V(EP) − V(EN)|
200
mV
303
R()
Differential Input Impedance at
EP, EN
V(EP), V(EN) < VDD − 1.5 V, TTL = lo
0.6
3
kΩ
304
Vt(EP)hi
Input Threshold Voltage hi at EP TTL = hi, EN = open
2
V
305
Vt(EP)lo
Input Threshold Voltage lo at EP TTL = hi, EN = open
0.8
V
306
Vhys(EP)
Hysteresis at EP
TTL = hi, EN = open
40
mV


Similar Part No. - IC-NZPQFN24

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
More results

Similar Description - IC-NZPQFN24

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZNQFN24 ROITHNER-NZNQFN24 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_12 Datasheet
818Kb / 17P
   N-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com