Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1452A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1452A
Description  High-Speed, High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1452A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1452A_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1452A_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1452A_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1452A_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1452A_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1452A
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
−10
0
0
−100
−2
−4
−6
−8
−10
−12
−14
−2
−4
−6
−8
Common emitter
Tc = 25°C
−80
−60
−50
−40
−30
−20
IB = −10 mA
−70
Tc = 100°C
25
−55
10
−0.1
−0.3
−1
−3
−10
30
50
100
300
500
−20
Common emitter
VCE = −1 V
Common emitter
IC/IB = 20
Tc = 100°C
25
−55
−0.1
−0.3
−1
−3
−10
−0.03
−0.05
−0.1
−0.3
−0.5
−20
−1
−1.0
0
0
−2
−4
−6
−8
−10
−12
−0.2
−0.4
−0.6
−0.8
−50 −70 −100 −150
−500
−900
−200
−700
IB = −30 mA
−300
Common emitter
Tc = 25°C
IB = −20 mA
−40
−60
−80
−150
−100
−300
−800
−1000
−1.0
0
0
−2
−4
−6
−8
−10
−12
−0.2
−0.4
−0.6
−0.8
−600
−500
−400
−200
Common emitter
Tc = −55°C
−1.0
0
0
−2
−4
−6
−8
−10
−12
−0.2
−0.4
−0.6
−0.8
−60
−150
−1000
−200
IB = −20 mA
−40
−100
−800
−600
−80
−300 −400
Common emitter
Tc = 100°C


Similar Part No. - 2SA1452A_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1452A TOSHIBA-2SA1452A Datasheet
220Kb / 4P
   TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
More results

Similar Description - 2SA1452A_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GCA150AA120 ETC-GCA150AA120 Datasheet
495Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SK1120F TOSHIBA-2SK1120F Datasheet
258Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
2SA1451A TOSHIBA-2SA1451A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
logo
SanRex Corporation
GSA400AA120 SANREX-GSA400AA120 Datasheet
497Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SA1451A-YF TOSHIBA-2SA1451A-YF Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
2SK674 TOSHIBA-2SK674 Datasheet
66Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
logo
List of Unclassifed Man...
GCA75AA120 ETC-GCA75AA120 Datasheet
508Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
S2370 TOSHIBA-S2370 Datasheet
166Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK1929 TOSHIBA-2SK1929 Datasheet
531Kb / 6P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK2228 TOSHIBA-2SK2228 Datasheet
134Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
1996-12-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com