Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NQC Datasheet(PDF) 12 Page - IC-Haus GmbH

Part # IC-NQC
Description  13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQC Datasheet(HTML) 12 Page - IC-Haus GmbH

Back Button IC-NQC Datasheet HTML 8Page - IC-Haus GmbH IC-NQC Datasheet HTML 9Page - IC-Haus GmbH IC-NQC Datasheet HTML 10Page - IC-Haus GmbH IC-NQC Datasheet HTML 11Page - IC-Haus GmbH IC-NQC Datasheet HTML 12Page - IC-Haus GmbH IC-NQC Datasheet HTML 13Page - IC-Haus GmbH IC-NQC Datasheet HTML 14Page - IC-Haus GmbH IC-NQC Datasheet HTML 15Page - IC-Haus GmbH IC-NQC Datasheet HTML 16Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
preliminary
preliminary
iC-NQC
13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
Rev B1, Page 12/29
CONVERTER FUNCTIONS
SELRES
Adr 0x00, Bit 4:0
Code
Binary
Resolutions
Examples of Permissible
Input Frequencies finmax
(FCTR 0x0004, 0x4302)
0x00
-
0x01
-
0x02
-
0x03
8192
158 Hz, 1.06 kHz
0x04
4096
317 Hz, 2.12 kHz
0x05
2048
634 Hz, 4.24 kHz
0x06
1024
1.27 kHz, 8.5 kHz
0x07
512
2.54 kHz, 17 kHz
0x08
256
5.1 kHz, 34 kHz
0x09
128
10.2 kHz, 68 kHz
0x0A
64
20.3 kHz, 136 kHz
0x0B
32
40.6 kHz (max. 250 kHz)
0x0C
16
81.3 kHz (max. 250 kHz)
0x0D
8
162 kHz (max. 250 kHz)
0x0E
-
0x0F
-
Table 11: Binary resolutions
SELRES
Adr 0x00, Bit 4:0
Code
Decimal
Resolutions
Examples of Permissible
Input Frequencies finmax
(FCTR 0x0004, 0x4302)
0x10
2000
650 Hz, 4.3 kHz
0x11
1600
812 Hz, 5.5 kHz
0x12
1000
1.3 kHz, 8.6 kHz
0x13
800
1.6 kHz, 10.8 kHz
0x14
500
2.6 kHz, 17 kHz
0x15
400
3.2 kHz, 22 kHz
0x16
250 *1
5.2 kHz, 35 kHz
0x17
125 *1,2
5.2 kHz, 35 kHz
0x18
320
4.1 kHz, 27 kHz
0x19
160 *2
4.1 kHz, 27 kHz
0x1A
80 *4
4.1 kHz, 27 kHz
0x1B
40 *8
4.1 kHz, 27 kHz
0x1C
200
6.5 kHz, 43.3 kHz
0x1D
100 *2
6.5 kHz, 43.3 kHz
0x1E
50 *1,4
6.5 kHz, 43.3 kHz
0x1F
25 *1,8
6.5 kHz, 43.3 kHz
Notes
*1 Not suitable for incremental output on A, B.
*2,4,8 The internal resolution is higher by
a factor of 2, 4 or 8.
Table 12: Decimal resolutions
HYS
Adr 0x01, Bit 7:5
Code
Hysteresis in
degrees
Hysteresis in
LSB
Absolute error*
0x00
0x01
0.0879°
1 LSB @
12 bit
0.044°
0x02
0.1758°
1/2 LSB @
10 bit
0.088°
0x03
0.3516°
1 LSB @
10 bit
0.176°
0x04
0.7031°
1/2 LSB @
8 bit
0.352°
0x05
1.4063°
1 LSB @ 8 bit
0.703°
0x06
5.625°
2.813°
0x07
45°
only
recommended
for calibration
22.5°
Notes
*) The resulting absolute error is equivalent to half
the angle hysteresis.
Table 13: Hysteresis
CFGOSC
Adr 0x07, Bit 2:0
Code
Trimming Frequency
0x00
No change
0x01
-10 %
0x02
-14.4 %
0x03
-22 %
0x04
Not permissible
0x05
+12.5 %
0x06
+6.25 %
0x07
-4.5 %
Table 14: Oscillator calibration


Similar Part No. - IC-NQC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_11 Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_13 Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
More results

Similar Description - IC-NQC

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NQC ICHAUS-IC-NQC_11 Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQI ICHAUS-IC-NQI Datasheet
1Mb / 26P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC_13 Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-NQL ICHAUS-IC-NQL_11 Datasheet
894Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-NV ICHAUS-IC-NV Datasheet
1Mb / 19P
   6-BIT Sin/D FLASH CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com