Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX208S1 Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX208S1
Description  ISDN Dual Telephony Protocol Engine
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX208S1 Datasheet(HTML) 5 Page - CML Microcircuits

  CMX208S1 Datasheet HTML 1Page - CML Microcircuits CMX208S1 Datasheet HTML 2Page - CML Microcircuits CMX208S1 Datasheet HTML 3Page - CML Microcircuits CMX208S1 Datasheet HTML 4Page - CML Microcircuits CMX208S1 Datasheet HTML 5Page - CML Microcircuits CMX208S1 Datasheet HTML 6Page - CML Microcircuits CMX208S1 Datasheet HTML 7Page - CML Microcircuits CMX208S1 Datasheet HTML 8Page - CML Microcircuits CMX208S1 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISDN Dual Telephony Protocol Engine
CMX208
© 1999 Consumer Microcircuits Limited
5
D/208/1
© 1999 Chiron Technology Limited
S1 Package
80QFP
Signal
Description
Pin No.
Name
Type
29
A14
O/P
Memory and Peripheral Address Bus
30
A13
O/P
Memory and Peripheral Address Bus
31
A12
O/P
Memory and Peripheral Address Bus
32
A11
O/P
Memory and Peripheral Address Bus
33
A10
O/P
Memory and Peripheral Address Bus
34
A9
O/P
Memory and Peripheral Address Bus
35
A8
O/P
Memory and Peripheral Address Bus
36
A/D7
BI
Memory and Peripheral Address and Data Bus
37
A/D6
BI
Memory and Peripheral Address and Data Bus
38
A/D5
BI
Memory and Peripheral Address and Data Bus
39
A/D4
BI
Memory and Peripheral Address and Data Bus
40
A/D3
BI
Memory and Peripheral Address and Data Bus
41
A/D2
BI
Memory and Peripheral Address and Data Bus
42
A/D1
BI
Memory and Peripheral Address and Data Bus
43
A/D0
BI
Memory and Peripheral Address and Data Bus
44
ASTB
O/P
Address/Data Bus Strobe (data bus selected if low)
45
DVSS0
Power
The digital negative supply rail (ground)
46
~
I/P
For manufacturer's use only. Connect to DVSS directly
47
N/C
O/P
Do not make any connection to this pin
48
RINGP2
O/P
POTS Port 2 Ringing Generator (low when not ringing)
49
RINGN2
O/P
POTS Port 2 Ringing Generator (high when not ringing)
50
API-RXD
I/P
API/RS232 Port Rx Data (inactive = high)
51
API-TXD
O/P
API/RS232 Port Tx Data (high when inactive)
52
CLIP2
O/P
POTS Port 2 Line Voltage Adjustment (low if sending
FSK to a Caller Display unit, as it is intended to make
the SLIC present a high impedance to the POTS line)
53
B1/B2N
O/P
B-channel Select (high selects channel B1).
54
ILFI
O/P
ISDN Line Failure Indicator
55
DV
DD0
Power
The digital positive supply rail. Levels and voltages are
dependent upon this supply. This pin should be
decoupled to DVSS by a capacitor


Similar Part No. - CMX208S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX200D3 ETC1-CMX200D3 Datasheet
31Kb / 1P
   3-10 Amp 0-60, 0-100 Vdc, 0-200Vdc DC Output SIP
logo
Crydom Inc.,
CMX200D3 CRYDOM-CMX200D3 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMX200D3 CRYDOM-CMX200D3 Datasheet
721Kb / 5P
   PCB Mount
CMX200D3 CRYDOM-CMX200D3 Datasheet
587Kb / 5P
   PCB Mount
CMX200D3 CRYDOM-CMX200D3_11 Datasheet
721Kb / 5P
   PCB Mount
More results

Similar Description - CMX208S1

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX218 CMLMICRO-CMX218 Datasheet
354Kb / 34P
   ISDN Data/Telephony Protocol Engine
logo
Freescale Semiconductor...
MC68SC302 FREESCALE-MC68SC302 Datasheet
1Mb / 8P
   Passive ISDN Protocol Engine
logo
NXP Semiconductors
MC68SC302 NXP-MC68SC302 Datasheet
379Kb / 8P
   Passive ISDN Protocol Engine
logo
CML Microcircuits
CMX228 CMLMICRO-CMX228 Datasheet
362Kb / 38P
   ISDN Protocol Engine with D - channel Data
logo
Texas Instruments
TI380C27 TI-TI380C27 Datasheet
1Mb / 77P
[Old version datasheet]   DUAL-PROTOCOL COMMPROCESSOR
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753 Datasheet
1Mb / 87P
   HI FI AND TELEPHONY DUAL CODEC
logo
Freescale Semiconductor...
TWR-MPC8309 FREESCALE-TWR-MPC8309 Datasheet
1Mb / 8P
   PowerQUICC Processor with Industrial Connectivity and Protocol Off-Load Engine
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
   Hi-Fi and Telephony Dual CODEC
logo
ADL Embedded Solutions
ADLQ170HDS ADL-ADLQ170HDS Datasheet
938Kb / 2P
   Mobile Telephony
logo
Rhombus Industries Inc.
T-13555 RHOMBUS-IND-T-13555 Datasheet
32Kb / 1P
   ISDN Interface Dual Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com