Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX208 Datasheet(PDF) 11 Page - CML Microcircuits

Part # CMX208
Description  ISDN Dual Telephony Protocol Engine
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX208 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button CMX208 Datasheet HTML 7Page - CML Microcircuits CMX208 Datasheet HTML 8Page - CML Microcircuits CMX208 Datasheet HTML 9Page - CML Microcircuits CMX208 Datasheet HTML 10Page - CML Microcircuits CMX208 Datasheet HTML 11Page - CML Microcircuits CMX208 Datasheet HTML 12Page - CML Microcircuits CMX208 Datasheet HTML 13Page - CML Microcircuits CMX208 Datasheet HTML 14Page - CML Microcircuits CMX208 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISDN Dual Telephony Protocol Engine
CMX208
© 1999 Consumer Microcircuits Limited
11
D/208/1
© 1999 Chiron Technology Limited
1.5.2
Initialisation
On power-up, the CMX208 assumes its default values, which are factory programmed into the
firmware. It then performs a self-test, during which all of the LED pins and the ILFI pin are held high
for 3s. If the test is unsuccessful, the CMX208 remains in this condition.
If the test is successful, the CMX208 reads its preset values from the attached EEPROM and
examines the state of the ISDN link (ie Layer 1) before commencing normal operation. On power-up,
the ISDN link is de-activated, the POTS ports are assumed to be on-hook and ringing is disabled.
1.5.3
ISDN Interface
Two simultaneous voice calls are possible. Incoming calls are firstly checked for other calls present,
then the MSN is checked for validity, then the channel mapping, so that responses will be handled
accordingly.
When channel mapping is enabled, outgoing calls will request the channel enabled. When not
enabled, a request for any channel is made. If no free channels are available for outgoing calls, a
locally generated busy tone is returned to the analogue port.
1.5.3.1 Activation
Activation occurs in the following circumstances:
The ISDN network activates.
The device connected to the analogue port goes off hook.
The Terminal Endpoint Identifier (TEI) is negotiated. Line powering of the CMX208 is not supported.
The 'AR' indicator (LED8) toggles between high and low states when the CMX208 is powered up, and
remains constantly low once the CMX208 identifies an activated ISDN line.
ISDN line power detection is not implemented and the CMX208 will negotiate a new TEI on any new
network activation.
1.5.3.2 De-activation or Line Disconnection
De-activation or line disconnection causes the TEI to be removed. Upon re-connection the CMX208
will only be re-activated and request a new TEI when one of the conditions in the above section is met.
1.5.3.3 Line Failure Detection
If the line failure detection parameter is enabled (via either POTS port) the CMX208 will check that
Layer 2 communications are active every sample period of 30 seconds. If Layer 2 communications
are not active, the CMX208 will attempt to activate them. If they remain inactive for 2 sample periods,
the line is deemed to have failed, so then the ILFI pin is set high and both RINGP1 and RINGN1 pins
(port 1 only) are set low. The CMX208 continues to attempt to activate the line and if it becomes
active and stays active for 2 sample periods, then the ILFI pin is set low and both RINGP1 and
RINGN1 pins (port 1 only) are restored to their default settings.
1.5.3.4 Incoming Calls
Incoming voice calls and calls from analogue lines are directed to the analogue ports and all other
incoming calls are rejected with a Cause Information Element set to 'Incompatible Destination'.


Similar Part No. - CMX208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX200D3 ETC1-CMX200D3 Datasheet
31Kb / 1P
   3-10 Amp 0-60, 0-100 Vdc, 0-200Vdc DC Output SIP
logo
Crydom Inc.,
CMX200D3 CRYDOM-CMX200D3 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CMX200D3 CRYDOM-CMX200D3 Datasheet
721Kb / 5P
   PCB Mount
CMX200D3 CRYDOM-CMX200D3 Datasheet
587Kb / 5P
   PCB Mount
CMX200D3 CRYDOM-CMX200D3_11 Datasheet
721Kb / 5P
   PCB Mount
More results

Similar Description - CMX208

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX218 CMLMICRO-CMX218 Datasheet
354Kb / 34P
   ISDN Data/Telephony Protocol Engine
logo
Freescale Semiconductor...
MC68SC302 FREESCALE-MC68SC302 Datasheet
1Mb / 8P
   Passive ISDN Protocol Engine
logo
NXP Semiconductors
MC68SC302 NXP-MC68SC302 Datasheet
379Kb / 8P
   Passive ISDN Protocol Engine
logo
CML Microcircuits
CMX228 CMLMICRO-CMX228 Datasheet
362Kb / 38P
   ISDN Protocol Engine with D - channel Data
logo
Texas Instruments
TI380C27 TI-TI380C27 Datasheet
1Mb / 77P
[Old version datasheet]   DUAL-PROTOCOL COMMPROCESSOR
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753 Datasheet
1Mb / 87P
   HI FI AND TELEPHONY DUAL CODEC
logo
Freescale Semiconductor...
TWR-MPC8309 FREESCALE-TWR-MPC8309 Datasheet
1Mb / 8P
   PowerQUICC Processor with Industrial Connectivity and Protocol Off-Load Engine
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
   Hi-Fi and Telephony Dual CODEC
logo
ADL Embedded Solutions
ADLQ170HDS ADL-ADLQ170HDS Datasheet
938Kb / 2P
   Mobile Telephony
logo
Rhombus Industries Inc.
T-13555 RHOMBUS-IND-T-13555 Datasheet
32Kb / 1P
   ISDN Interface Dual Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com