Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MPDFN10 Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-MPDFN10
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MPDFN10 Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-MPDFN10 Datasheet HTML 1Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 2Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 3Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 4Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 5Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 6Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 7Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 8Page - IC-Haus GmbH IC-MPDFN10 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 5/22
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Supply Voltage at VDD
-0.3
6
V
G002 I()
Current in VDD
-20
20
mA
G003 V()
Voltage at pins PSMI, PSMO, LAO,
MA, SLO, SLI, NERR
-0.3
VDD +
0.3
V
G004 V()
Voltage at pin VZAP
-0.3
8
V
G005 I()
Current in pins PSMI, PSMO, LAO,
MA, SLO, SLI, NERR, VZAP
-10
10
mA
G006 I()
Current in pins PSMI, PSMO, LAO,
MA, SLO, SLI, NERR, VZAP
Pulse width < 10µs
-100
100
mA
G007 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G008 Tj
Junction Temperature
-40
125
°C
G009 Ts
Storage Temperature Range
-40
125
°C
THERMAL DATA
Operating conditions: VDD = 5 V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operation Ambient Temperature Range
-40
125
°C
T02
Rthja
Thermal Resistance, Chip to Ambient
Package mounted on PCB, thermal pad at
40
K/W
approx. 2 cm² cooling area
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-MPDFN10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
   VHF MARINE TRANSCEIVER
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MACHIP ICHAUS-IC-MACHIP Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-MPDFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MV ICHAUS-IC-MV Datasheet
5Mb / 28P
   8-BIT HALL ENCODER
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MHM ICHAUS-IC-MHM Datasheet
2Mb / 63P
   14-BIT ABSOLUTE ANGLE HALL ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
IC-MHA ICHAUS-IC-MHA Datasheet
296Kb / 2P
   HALL ANGLE ENCODER WITH SIN/COS OUTPUTS
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com