Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2151D Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2151D
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151D Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2151D Datasheet HTML 7Page - Diodes Incorporated AP2151D Datasheet HTML 8Page - Diodes Incorporated AP2151D Datasheet HTML 9Page - Diodes Incorporated AP2151D Datasheet HTML 10Page - Diodes Incorporated AP2151D Datasheet HTML 11Page - Diodes Incorporated AP2151D Datasheet HTML 12Page - Diodes Incorporated AP2151D Datasheet HTML 13Page - Diodes Incorporated AP2151D Datasheet HTML 14Page - Diodes Incorporated AP2151D Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP2141D/AP2151D
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2141D/2151D
Document number: DS32242 Rev. 2 - 2
11 of 17
www.diodes.com
September 2010
© Diodes Incorporated
Application Note (Continued)
Thermal Protection
Thermal protection prevents the IC from damage when the
die temperature exceeds safe margins. This mainly occurs
when heavy-overload or short-circuit faults are present for
extended
periods
of
time.
The
AP2141D/AP2151D
implements thermal sensing to monitor the operating
junction temperature of the power distribution switch. Once
the die temperature rises to approximately 140°C, the
Thermal protection feature gets activated as follows: The
internal thermal sense circuitry turns the power switch off
and the FLG output is asserted thus preventing the power
switch from damage. Hysteresis in the thermal sense
circuit allows the device to cool down to approximately
25°C before the output is turned back on. The built-in
thermal hysteresis feature avoids undesirable oscillations
of the thermal protection circuit. The switch continues to
cycle in this manner until the load fault is removed,
resulting in a pulsed output. The FLG open-drain output is
asserted when an over-current occurs with 7-ms deglitch.
Reverse Current Protection
In a normal MOSFET switch, current can flow in reverse
direction (from the output side to the input side) when the
output side voltage is higher than the input side, even
when the switch is turned off. A reverse-current blocking
feature is implemented in the AP21x1 series to prevent
such back currents. This circuit is activated by the
difference between the output voltage and the input
voltage. When the switch is disabled, this feature blocks
reverse current flow from the output back to the input.
Special Functions:
Discharge Function
When enable is de-asserted, the discharge function is
active. The output capacitor is discharged through an
internal NMOS that has a discharge resistance of 100
Ω.
Hence, the output voltage drops down to zero. The time
taken for discharge is dependent on the RC time constant
of the resistance and the output capacitor.
FLG Response
The FLG open-drain output goes active low for any of the
two conditions: Over-Current or Over-Temperature. The
time from when a fault condition is encountered to when
the FLG output goes low is 7-ms (TYP). The FLG output
remains low until both over-current and over-temperature
conditions are removed. Connecting a heavy capacitive
load to the output of the device can cause a momentary
Over-current
condition,
which
does
not
trigger
the
FLG due to the 7-ms deglitch timeout. The 7-ms timeout is
also applicable for Over-current recovery and Thermal
recovery.
The
AP2141D/AP2151D
are
designed
to
eliminate erroneous Over-current reporting without the
need for external components, such as an RC delay
network.
Applications Information:
Power Supply Considerations
A 0.01-
μF to 0.1-μF X7R or X5R ceramic bypass
capacitor between IN and GND, close to the device, is
recommended. This limits the input voltage drop during
line transients. Placing a high-value electrolytic capacitor
on the input (10-
μF minimum) and output pin(s) is
recommended when the output load is heavy. This
precaution also reduces power-supply transients that
may cause ringing on the input. Additionally, bypassing
the output with a 0.01-
μF to 0.1-μF ceramic capacitor
improves the immunity of the device to short-circuit
transients. This capacitor also prevents the output from
going negative during turn-off due to inductive parasitics.
Power Dissipation and Junction Temperature
The low on-resistance of the internal MOSFET allows the
small surface-mount packages to pass large current.
Using the maximum operating ambient temperature (TA)
and RDS(ON), the power dissipation can be calculated by:
PD = RDS(ON)× I
2
The junction temperature can be calculated by:
TJ = PD x RθJA + TA
Where:
TA= Ambient temperature °C
RθJA = Thermal resistance
PD = Total power dissipation
Generic Hot-Plug Applications
In many applications it may be necessary to remove
modules or PC boards while the main unit is still
operating. These are considered hot-plug applications.
Such implementations require the control of current
surges as seen by the main power supply and the card
being inserted. The most effective way to control these
surges is to limit and slowly ramp up the current and
voltage being applied to the card, similar to the way in
which a power supply normally turns on. Due to the
controlled rise and fall times of the AP2141D/AP2151D,
these devices can be used to provide a softer start-up to
devices being hot-plugged into a powered system. The
UVLO feature of the AP2141D/AP2151D also ensures
that the switch is off after the card has been removed,
and that the switch is off during the next insertion.
By
placing
the
AP2141D/AP2151D
between
the
VCC input and the rest of the circuitry, the input power
reaches these devices first after insertion. The typical rise
time of the switch is approximately 1ms, providing a slow
voltage
ramp
at
the
output
of
the
device.
This
implementation controls the system surge current and
provides a hot-plugging mechanism for any device.


Similar Part No. - AP2151D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2151D DIODES-AP2151D Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2151DFMG-7 DIODES-AP2151DFMG-7 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2151DMPG-13 DIODES-AP2151DMPG-13 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2151DSG-13 DIODES-AP2151DSG-13 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2151DWG-7 DIODES-AP2151DWG-7 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
More results

Similar Description - AP2151D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2142A DIODES-AP2142A Datasheet
778Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com