Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA70020 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA70020
Description  Recording/Playback Amplifier for VHS VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70020 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA70020 Datasheet HTML 2Page - Sanyo Semicon Device LA70020 Datasheet HTML 3Page - Sanyo Semicon Device LA70020 Datasheet HTML 4Page - Sanyo Semicon Device LA70020 Datasheet HTML 5Page - Sanyo Semicon Device LA70020 Datasheet HTML 6Page - Sanyo Semicon Device LA70020 Datasheet HTML 7Page - Sanyo Semicon Device LA70020 Datasheet HTML 8Page - Sanyo Semicon Device LA70020 Datasheet HTML 9Page - Sanyo Semicon Device LA70020 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
No. 5711-6/13
LA70020, 70020M
Continued from preceding page.
Pin Number
Pin Name
Standard DC Voltage (V)
Equivalent Circuit
Notes
7
TRICK-H
8
COMP-OUT
EP > SP ENV High
PB
H: min. 4.5 V
L: max. 0.7 V
REC
Open
9
HA (EP/SP)
3.0 V
1.0 V
Trick1
NORMAL
Trick2
1.0 V
EP
SP
10
SW30
1.0 V
Hch
Lch
11
H-SYNC
1.5 V
SYNC
H
L
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn