Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA70020 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA70020
Description  Recording/Playback Amplifier for VHS VCRs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70020 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA70020 Datasheet HTML 1Page - Sanyo Semicon Device LA70020 Datasheet HTML 2Page - Sanyo Semicon Device LA70020 Datasheet HTML 3Page - Sanyo Semicon Device LA70020 Datasheet HTML 4Page - Sanyo Semicon Device LA70020 Datasheet HTML 5Page - Sanyo Semicon Device LA70020 Datasheet HTML 6Page - Sanyo Semicon Device LA70020 Datasheet HTML 7Page - Sanyo Semicon Device LA70020 Datasheet HTML 8Page - Sanyo Semicon Device LA70020 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
No. 5711-2/13
LA70020, 70020M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Playback Mode
Current drain
ICCP
Current flowing into pin 13
44
53
60
mA
SP-L CH1
GVP1VIN = 38 mVp-p, f = 4 MHz
56
59
62
dB
Voltage gain
SP-H CH2
GVP256
59
62
dB
EP-L CH3
GVP356
59
62
dB
EP-H CH4
GVP456
59
62
dB
Voltage gain difference
∆GVP1GVP1 — GVP2–1
0
+1
dB
∆GVP2GVP3 — GVP4–1
0
+1
dB
Intermode gain difference
∆GVP3GVP3 — GVP1–1
0
+1
dB
CH1
VNIN1
Ratio of the output from a 1.1 MHz low pass
Converted input noise voltage
CH2
VNIN2
filter to the output with no input under the
1.0
1.5
µVrms
CH3
VNIN3
same conditions as those used for measuring
CH4
VNIN4
voltage gain.
CH1
∆Vfp1
Ratios of the output for VIN = 38 mVp-p and
Frequency characteristic
CH2
∆Vfp2
f = 7 MHz to the voltage gains GVP1, GVP2,
–2.5
0
dB
CH3
∆Vfp3
GVP3, and GVP4.
CH4
∆Vfp4
CH1
∆VHDP1 Ratio of the 8 MHz (secondary) component of
Secondary harmonic distortion
CH2
∆VHDP2 the output to its 4 MHz (primary) component
–40
–35
dB
CH3
∆VHDP3 for VIN = 38 mVp-p and f = 4 MHz.
CH4
∆VHDP4
CH1
∆VOMP1 Output level, for f = 1 MHz, at which the ratio
Maximum output level
CH2
∆VOMP2 of the 3 MHz (tertiary) component to the
1.0
1.2
Vp-p
CH3
∆VOMP3 1 MHz (primary) component is -30 dB.
CH4
∆VOMP4
VCR1
Ratio of the output for VIN = 38 mVp-p and
–40
–35
dB
Crosstalk SP
f = 4 MHz to GVP1.
VCR2
Ratio of the output for VIN = 38 mVp-p and
–40
–35
dB
f = 4 MHz to GVP2.
VCR3
Ratio of the output for VIN = 38 mVp-p and
–40
–35
dB
Crosstalk EP
f = 4 MHz to GVP3.
VCR4
Ratio of the output for VIN = 38 mVp-p and
–40
–35
dB
f = 4 MHz to GVP4.
∆VODC1 CH1 — CH2
∆VODC2 CH3 — CH4
Output DC offset
∆VODC3 CH1 — CH3
–100
0
+100
mV
∆VODC4 CH2 — CH4
∆VODC5 CH1 — CH4
∆VODC6 CH2 — CH3
Envelope detector output pin voltage
VENV
T12 DC level with no signal input.
0
0.8
1.4
V
VENVSP1
T12 DC level at which T13A output level is
2.0
2.5
3.0
V
Envelope detector output pin voltage SP
150 mVp-p for f = 4 MHz.
VENVSP2
T12 DC level at which T13A output level is
4.0
4.5
5.0
V
400 mVp-p for f = 4 MHz.
VENVEP1
T12 DC level at which T13A output level is
2.0
2.5
3.0
V
Envelope detector output pin voltage EP
125 mVp-p for f = 4 MHz.
VENVEP2
T6 DC level at which T7A output level is
4.0
4.5
5.0
V
300 mVp-p for f = 4 MHz.
Comparator output voltage
VCOMP1
T8 DC level for VIN = 38 mVp-p and f = 4 MHz.
0.4
0.7
V
VCOMP2
T8 DC level for VIN = 38 mVp-p and f = 4 MHz.
4.5
4.8
V
SW-Tr on resistance during playback
RPON24
DC difference for 1 and 2 mA current inputs.
4
6
RPON29
TR1-1
Normal
→ Trick1 : *13.2
5.0
V
Trick threshold level
TR1-2
Trick1
→ Normal
1.2
2.8
V
TR2-1
Normal
→ Trick2 : *10.0
0.8
V
TR2-2
Trick2
→ Normal
1.2
2.8
V
Electrical Characteristics at Ta = 25°C (Video Circuits)
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn