Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA70011 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA70011
Description  Recording/Playback Amplifier for VHS VCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70011 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA70011 Datasheet HTML 1Page - Sanyo Semicon Device LA70011 Datasheet HTML 2Page - Sanyo Semicon Device LA70011 Datasheet HTML 3Page - Sanyo Semicon Device LA70011 Datasheet HTML 4Page - Sanyo Semicon Device LA70011 Datasheet HTML 5Page - Sanyo Semicon Device LA70011 Datasheet HTML 6Page - Sanyo Semicon Device LA70011 Datasheet HTML 7Page - Sanyo Semicon Device LA70011 Datasheet HTML 8Page - Sanyo Semicon Device LA70011 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
No. 5710-5/11
LA70011, 70011M
Continued from preceding page.
Pin Number
Pin Name
Standard DC Voltage (V)
Equivalent Circuit
Notes
6
ENVDET-OUT
7
PB-OUT
8
20
GND
9
REC-Y-IN
PB
REC
See relevant
documents.
0
PB
REC
1.7
2.1
PB
REC
4.0
3.7
10
REC-C-IN
11
REC/MUTE/PB
PB
REC
4.0
3.7
3.0 V
1.0 V
REC
REC
MUTE
PB
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn