Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA70011 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA70011
Description  Recording/Playback Amplifier for VHS VCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70011 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA70011 Datasheet HTML 1Page - Sanyo Semicon Device LA70011 Datasheet HTML 2Page - Sanyo Semicon Device LA70011 Datasheet HTML 3Page - Sanyo Semicon Device LA70011 Datasheet HTML 4Page - Sanyo Semicon Device LA70011 Datasheet HTML 5Page - Sanyo Semicon Device LA70011 Datasheet HTML 6Page - Sanyo Semicon Device LA70011 Datasheet HTML 7Page - Sanyo Semicon Device LA70011 Datasheet HTML 8Page - Sanyo Semicon Device LA70011 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
No. 5710-3/11
LA70011, 70011M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
HA playback threshold level
HAP-1
SP
→ EP : *11.7
5.0
V
HAP-2
EPSP
0.0
1.3
V
SW30 threshold level
SW30-1
Lch
→ Hch : *11.2
5.0
V
SW30-2
Hch
→ Lch
0.0
0.8
V
Recording Mode
Current drain
ICCR
Current input at pin 13.
52
59
66
mA
VRSP
Output level for VIN = 400 mVp-p and
127
135
143
mVp-p
REC AGC AMP output level
f = 4 MHz.
VREP
104
111
119
mVp-p
Intermode gain difference
∆GVR
VRSP/VREP
1.4
1.7
2.0
dB
∆VAGC1-SP Output level divided by VRSP or VREP for
0.5
1.0
dB
REC AGC AMP control characteristic
∆VAGC1-EP f = 4 MHz and VIN = 700 mVp-p.
∆VAGC2-SP Output level divided by VRSP or VREP for
–1.0
–0.5
dB
∆VAGC2-EP f = 4 MHz and VIN = 100 mVp-p.
REC AGC AMP frequency characteristic
∆VFRS
Ratio of f = 7 MHz output to f = 1 MHz output
–1
0
+1
dB
∆VFRE
for VIN = 400 mVp-p. *2
∆VHDRS
Ratio of the 8 MHz (secondary) component of
REC AGC AMP secondary primary distortion
∆VHDRE
the output to its 4 MHz (primary) component
–45
–40
dB
for VIN = 400 mVp-p and f = 4 MHz.
REC AGC AMP maximum output level
∆VMOSP Output level, for f = 4 MHz, at which the
20
22
mApp
∆VMOEP secondary distortion is –35 dB.
REC AGC AMP muting attenuation
∆VMRS
Output level divided by VRSP or VREP for
–45
–40
dB
∆VMRE
f = 4 MHz and VIN = 400 mVp-p.
∆VCYS
Output ratio (4M ± 629k)/4M for
REC AGC AMP cross modulation relative level
∆VCYE
VIN = 400 mVp-p and f = 4 MHz at T9A and
–45
–40
dB
VIN = 2.4 Vp-p and f = 629 kHz at T10A.
HA REC threshold level
HAR-1
SP
→ EP : *11.7
5.0
V
HAR-2
EP
→ SP
0.0
1.3
V
REC MUTE threshold level
MUTE-1
MUTE OFF
→ MUTE ON *11.2
2.8
V
MUTE-2
MUTE ON
→ MUTE OFF
3.2
5.0
V
REC PB threshold level
PB-REC
PB
→ REC *11.2
5.0
V
REC-PB
REC
→ PB
0.0
0.8
V
Continued from preceding page.
Notes:* Before measuring the items under Playback Mode, input a 0 to 5.0 V trigger pulse to T5 (H-SYNC), the pin from which the LA70011 takes its T3
(HA) control switch timing.
* The resistance between pins 13 and 14 must be accurate to within 1.0%.
*1. These are voltage application points.
*2. Apply a DC voltage of approximately 1.8 V to the AGC wave detector filter pin (pin 15) to fix the AGC amplifier gain.
*3. Apply a DC voltage to the REC-CUR-Adj pin (pin 12) and adjust the output level.


Similar Part No. - LA70011

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70020M SANYO-LA70020M Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
More results

Similar Description - LA70011

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
Rohm
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
Sanyo Semicon Device
Sanyo Semicon Device
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
LA7375 SANYO-LA7375 Datasheet
140Kb / 7P
   Recording and Playback Amplifier for VHS Video Recorders
LA7371A SANYO-LA7371A Datasheet
447Kb / 11P
   RECORDING AND PLAYBACK AMPLIFIER FOR VHS VIDEO RECORDERS
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA7321 SANYO-LA7321 Datasheet
393Kb / 9P
   VHS VTR Playback Head Amp, Recording Amp
LA7300M SANYO-LA7300M Datasheet
136Kb / 3P
   VHS VTR PLAYBACK HEAD AMP, RECORDING AMP
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz