Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA70011 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA70011
Description  Recording/Playback Amplifier for VHS VCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70011 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA70011 Datasheet HTML 3Page - Sanyo Semicon Device LA70011 Datasheet HTML 4Page - Sanyo Semicon Device LA70011 Datasheet HTML 5Page - Sanyo Semicon Device LA70011 Datasheet HTML 6Page - Sanyo Semicon Device LA70011 Datasheet HTML 7Page - Sanyo Semicon Device LA70011 Datasheet HTML 8Page - Sanyo Semicon Device LA70011 Datasheet HTML 9Page - Sanyo Semicon Device LA70011 Datasheet HTML 10Page - Sanyo Semicon Device LA70011 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Synchronization of HA Switching Timing during Playback with H-SYNC Signal
During playback, the LA70011’s video circuits synchronize the HA-SW switching timing shown in the following figure
with the H-SYNC signal from pin 5. (Other EP/SP switching takes place in real time.)
Comparator Output: Pin 2
EP envelope > SP envelope: High (min. 4.0 V)
EP envelope < SP envelope: Low (max. 0.7 V)
H-SYNC Input: Pin 5
Pin 5 level - DC > 1.5 V: H-SYNC interval
Playback:
— Determines timing of HA switching (EP/SP)
— Determines timing of special playback
Recording:
— Serves as gate pulse for REC-AGC-AMP SYNC unit
REC/REC-MUTE/PB Switching: Pin 11
GND < pin 11 level - DC < 1.0 V: PB mode
1.0 V < pin 11 level - DC < 3.0 V: REC mode, REC-MUTE
3.0 V < pin 11 level - DC < 5.0 V: REC mode
No. 5710-8/11
LA70011, 70011M


Similar Part No. - LA70011

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70020M SANYO-LA70020M Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
More results

Similar Description - LA70011

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
Rohm
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
Sanyo Semicon Device
Sanyo Semicon Device
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
LA7375 SANYO-LA7375 Datasheet
140Kb / 7P
   Recording and Playback Amplifier for VHS Video Recorders
LA7371A SANYO-LA7371A Datasheet
447Kb / 11P
   RECORDING AND PLAYBACK AMPLIFIER FOR VHS VIDEO RECORDERS
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA7321 SANYO-LA7321 Datasheet
393Kb / 9P
   VHS VTR Playback Head Amp, Recording Amp
LA7300M SANYO-LA7300M Datasheet
136Kb / 3P
   VHS VTR PLAYBACK HEAD AMP, RECORDING AMP
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz