Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MFLTQFN28 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MFLTQFN28
Description  8-/12-FOLD FAIL-SAFE LOGIC N-FET DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MFLTQFN28 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MFLTQFN28 Datasheet HTML 1Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 2Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 3Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 4Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 5Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 6Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 7Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 8Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
iC-MFL / iC-MFLT
8-/12-FOLD FAIL-SAFE LOGIC N-FET DRIVER
Rev C1, Page 2/13
DESCRIPTION
iC-MFL / iC-MFLT is a monolithically integrated,
8/12-channel level adjustment device which drives
N-channel FETs.
The internal circuit blocks have
been designed in such a way that with single er-
rors, such as open pins (VCC, GND, GNDR) or
the short-circuiting of two outputs, iC-MFL’s output
stages switch to a predefined, safe low state. Exter-
nally connected N-channel FET are thus shut down
safely in the event of a single error.
The inputs of the eight/twelve channels consist of
a Schmitt trigger with a pull-down current source
and are compatible with TTL and CMOS levels (1.8
to 5 V). The eight/twelve channels have a current-
limited push-pull output stage and a pull-down resis-
tor at the output. The output stages supply an output
signal of 5 V and are enabled by a high signal at pin
EN. Furthermore, all stages can handle surge volt-
age pulses (max. 18 V, pulse width < 100 ms, max.
2 % duty cycle) at the output.
iC-MFL monitors the supply voltage at VCC pin and
the voltages at the two ground pins GND and GNDR.
The pins GND and GNDR must be connected to-
gether externally in order to guarantee the safe low
state of the output stages in the event of error.
Should the supply voltage at VCC undershoot a pre-
defined threshold, the voltage monitor causes the
outputs to be actively tied to GND via the lowside
transistors. If the supply voltage ceases to be applied
to VCC, the outputs are tied to GNDR by pull-down
resistors.
If the connection between the ground potential and
the GND pin is disrupted, the highside and lowside
transistors of the output stages are shut down and
the outputs tied to GNDR via the pull-down resistors.
If on the other hand the connection between ground
potential and the GNDR pin is disrupted, only the
output stage highside transistors are shut down; the
outputs are then actively tied to GND via the lowside
transistors.
Open inputs IN1...8/12 and EN are actively tied to
GND by pull-down currents. The pull-down currents
have two stages in order to limit power dissipation
with enhanced noise immunity.
When two outputs of different logic states are short
circuited, the driving capability of the lowside driver
predominates, keeping the connected N-channel
FETs in a safe shutdown state.
The device is protected against destruction by ESD.
PACKAGES


Similar Part No. - IC-MFLTQFN28

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
IC-MFPQFN24 ICHAUS-IC-MFPQFN24 Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
More results

Similar Description - IC-MFLTQFN28

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
logo
Melexis Microelectronic...
MLX10410 MELEXIS-MLX10410 Datasheet
92Kb / 7P
   8 Fold High Side Driver
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
   Specia Fail-safe IC
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
   Demonstrates Fail-Safe Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com