Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MFLTQFN28 Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-MFLTQFN28
Description  8-/12-FOLD FAIL-SAFE LOGIC N-FET DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MFLTQFN28 Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-MFLTQFN28 Datasheet HTML 5Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 6Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 7Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 8Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 9Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 10Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 11Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 12Page - IC-Haus GmbH IC-MFLTQFN28 Datasheet HTML 13Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
iC-MFL / iC-MFLT
8-/12-FOLD FAIL-SAFE LOGIC N-FET DRIVER
Rev C1, Page 10/13
DETECTING SINGLE ERRORS
If single errors are detected, safety-relevant applica-
tions require externally connected switching transistors
to be specifically shut down. Single errors can occur
when a pin is open (due to a disconnected bonding
wire or a bad solder connection, for example) or when
two pins are short-circuited.
When two output of different logic levels are short-
circuited, the driving capability of the lowside driver will
predominate, keeping the connected N-channel FETs
in a safe shutdown state.
With open pins VCC, GND or GNDR iC-MFL switches
the output stages to a safe, predefined low state via
pull-down resistors or pull-down current sources at the
inputs, subsequently shutting down any externally con-
nected N-channel FETs.
[
µA]
I(OUTx)
V(OUTx)
150
[V]
1
2
3
4
5
−30k
Figure 5: Output characteristic at OUTx with discon-
nected VCC supply
Loss of VCC potential
If the supply voltage is disconnected from VCC pin, the
outputs are tied to GNDR via internal pull-down resis-
tors of typically 30 kΩ which form a passive path from
the gate of an external switching transistor to ground.
A further increase of output current may occur due to
self-supply effects via the output of the iC, as indicated
by the arrows in Figure 5.
[
µA]
I(OUTx)
V(OUTx)
150
[V]
1
2
3
4
5
−30 k
Figure 6: Output characteristic at OUTx with open
GND pin
Loss of GND potential
If ground potential is not longer applied to GND, the
output stages are shut down and the outputs tied to
GNDR via internal pull-down resistors with a typical
value of 30 kΩ.
[mA]
I(OUTx)
V(OUTx)
3.6
[V]
1
2
3
4
5
Figure 7: Output characteristic at OUTx with open
GNDR pin
Loss of GNDR potential
If ground potential is no longer applied to the GNDR-
pin, the output stage highside drivers are shut down
and the outputs actively tied to GND via the lowside
drivers.


Similar Part No. - IC-MFLTQFN28

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
IC-MFPQFN24 ICHAUS-IC-MFPQFN24 Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
More results

Similar Description - IC-MFLTQFN28

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MFN ICHAUS-IC-MFN Datasheet
204Kb / 13P
   8-FOLD FAIL-SAFE N-FET DRIVER
IC-MFP ICHAUS-IC-MFP Datasheet
214Kb / 13P
   8-FOLD FAIL-SAFE P-FET DRIVER
logo
Roithner LaserTechnik G...
NZQFN28 ROITHNER-NZQFN28 Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZ ICHAUS-IC-NZ Datasheet
518Kb / 20P
   FAIL-SAFE LASER DIODE DRIVER
logo
Melexis Microelectronic...
MLX10410 MELEXIS-MLX10410 Datasheet
92Kb / 7P
   8 Fold High Side Driver
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
   Fail safe protection
September 2013 Rev 9
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
   Specia Fail-safe IC
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
   Demonstrates Fail-Safe Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com